Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 19 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 19 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 19Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.001
0.01
0.1
1
Normalized Frequency (fIN/fMOD)
G001
Max(INP
INN)<
-
V
REF
Gain
Full-ScaleRange=
±VREF
Gain
;
=
2V
REF
Gain
AVDD
0.3
-
-
Gain V
MAX_DIFF
2
> CM > AVSS + 0.3 +
Gain V
MAX_DIFF
2
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
Input Common-Mode Range
The usable input common-mode range of the analog front-end depends on various parameters, including the
maximum differential input signal, supply voltage, and PGA gain. This range is described in Equation 2:
where:
VMAX_DIFF = maximum differential signal at the PGA input
CM = common-mode range
(2)
For example:
If VDD = 3.3 V, gain = 2, and VMAX_DIFF = 1000 mV,
Then 1.3 V < CM < 2.0 V
Input Differential Dynamic Range
The differential (INP – INN) signal range depends on the analog supply and reference used in the system. This
range is shown in Equation 3.
(3)
For higher dynamic range, a 5-V supply with a 4-V reference (set by the VREF_4V bit of the CONFIG3 register)
can be used to increase the differential dynamic range.
ADC
ΔΣ Modulator
Each ADS131E0x channel has a
ΔΣ ADC. This converter uses a second-order modulator optimized for low-
power applications. The modulator samples the input signal at the rate of [fMOD = fCLK / 2]. As in the case of any
ΔΣ modulator, the ADS131E0x noise is shaped until fMOD / 2, as shown in Figure 22. The on-chip digital
decimation filters also provide antialias filtering. This
ΔΣ converter feature drastically reduces the complexity of
the analog antialiasing filters typically required with nyquist ADCs.
Figure 22. Modulator Noise Spectrum Up To 0.5 × fMOD
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com