Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 12 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 12 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 8Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 10Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 11Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 12Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 13Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 14Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
0
100
200
300
400
500
600
700
800
900
1
2
3
4
5
6
7
8
9
10
11
12
PGA Gain
AVDD = 3 V
AVDD = 5 V
G013
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
Number of Channels Disabled
AVDD = 3 V
AVDD = 5 V
G014
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Frequency (kHz)
PGA Gain = 1
THD = −96 dB
SNR = 74 dB
Data Rate = 64 kSPS
G011
0
100
200
300
400
500
600
1
2
3
4
5
6
7
8
9
10
11
12
PGA Gain
AVDD = 3 V
AVDD = 5 V
G012
−24
−16
−8
0
8
16
24
−1
−0.8 −0.6 −0.4 −0.2
0
0.2
0.4
0.6
0.8
1
Input (Normalized to Full−Scale)
−40°C
+105°C
+25°C
G009
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
100
200
300
400
500
Frequency (Hz)
PGA Gain = 1
THD = −97 dB
SNR = 117 dB
Data Rate = 1 kSPS
G010
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.4 V, VREFN = AVSS, external
clock = 2.048 MHz, data rate = 8 kSPS, and gain = 1, unless otherwise noted.
INL vs TEMPERATURE
THD FFT PLOT
Figure 9.
Figure 10.
FFT PLOT
OFFSET vs PGA GAIN (Absolute Value)
Figure 11.
Figure 12.
OFFSET DRIFT vs PGA GAIN
ADS131E08 CHANNEL POWER
Figure 13.
Figure 14.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com