Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 14 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 14 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 10Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 11Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 12Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 13Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 14Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
DRDY
CLK
CLKSEL
START
MUX
Oscillator
SPI
DVDD
DGND
OPAMPOUT
Fault Detect
GPIO1
CS
SCLK
DIN
DOUT
AVDD
AVSS
IN8P
IN8N
IN7P
IN7N
IN6P
IN6N
IN5P
IN5N
IN4P
IN4N
IN3P
IN3N
IN2P
IN2N
IN1P
IN1N
PGA1
PGA2
PGA3
PGA4
PGA5
PGA6
PGA7
PGA8
Operational
Amplifi er
Refer ence
VREFP VREFN
Control
PWDN
RESET
AVDD1
AVSS1
OPAMPP
OPAMPN
Temperature
Test Signal
Supply Check
GPIO2
GPIO3
GPIO4
EMI
Filter
EMI
Filter
EMI
Filter
EMI
Filter
EMI
Filter
EMI
Filter
EMI
Filter
EMI
Filter
∆Σ
ADC1
∆Σ
ADC3
∆Σ
ADC2
∆Σ
ADC4
∆Σ
ADC5
∆Σ
ADC6
∆Σ
ADC8
∆Σ
ADC7
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
OVERVIEW
The ADS131E0x are low-power, multichannel, simultaneously-sampling, 24- and 16-bit delta-sigma (
ΔΣ), analog-
to-digital converters (ADCs) with an integrated programmable gain amplifier (PGA). This functionality makes
these devices well-suited for smart-grid and other industrial power monitor, control, and protection applications.
The ADS131E0x have a highly-programmable multiplexer that allows for temperature, supply, and input short
measurements. The PGA gain can be chosen from one of five settings (1, 2, 4, 8, and 12). The ADCs in the
device offer data rates of 1, 2, 4, 8, 16, 32, and 64 kSPS. Device communication is accomplished using an SPI-
compatible interface. The device provides four general-purpose I/O (GPIO) pins for general use. Multiple devices
can be synchronized using the START pin.
The internal reference can be programmed to either 2.4 V or 4 V. The internal oscillator generates a 2.048-MHz
clock. Open-circuit detection can be accomplished by using the integrated comparators, with programmable
trigger-point settings. A detailed diagram of the ADS131E0x is shown in Figure 16.
Figure 16. Functional Block Diagram
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com