Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 47 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 47 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 45Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 49Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
(b) Voltage Sensing with Single-Ended Input
(a) Voltage Sensing with Differential Input
R2
INP
INN
Device
EMI
Filter
R3
R3
-
OPAMPOUT
OPAMPN
OPAMPP
RF
(AVDD + AVSS)
2
OPAMP_REF
C
L
N
R1
R1
R2
INP
INN
Device
EMI
Filter
R3
C
-
OPAMPOUT
OPAMPN
OPAMPP
RF
(AVDD + AVSS)
2
OPAMP_REF
L
N
R1
R2
To PGA
To PGA
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
VOLTAGE SENSING
Figure 45 shows a simplified diagram of commonly-used differential and single-ended methods of voltage
sensing. A resistor divider network is used to step down the line voltage within the acceptable ADS131E0x input
range and then directly connect to the inputs (INP and INN) through an antialiasing RC filter formed by resistor
R3 and capacitor C. The common-mode bias voltage (AVDD + AVSS) / 2, can be obtained from the ADS131E0x
by either configuring the internal op amp in a unity-gain configuration using the RF resistor and setting bit 3 of the
CONFIG3 register, or it can be generated externally by using a simple resistor divider network between the
positive and negative supplies.
In either of the below cases (Figure 45a for a differential input and Figure 45b for a single-ended input), the line
voltage is divided down by a factor of [R2 / (R1 + R2)]. Values of R1 and R2 must be carefully chosen so that the
voltage across the ADS131E0x inputs (INP and INN) does not exceed the FSDI range of ADS131E0x (see
Table 12) over the full operating dynamic range of the energy meter.
Figure 45. Simplified Voltage Sensing Connections
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com