Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 44 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 44 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 45Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
POWER MONITORING SPECIFIC APPLICATIONS
All channels of the ADS131E0x family of devices are exactly identical, yet independently configurable, thus
giving the user the flexibility of selecting any channel for voltage or current monitoring. An overview of this
system is illustrated in Figure 43. Also, the simultaneously sampling capability of the device allows the user to
monitor both the current and the voltage at the same time. The full-scale differential input voltage of each
channel is determined by the PGA gain setting (see the CHnSET: Individual Channel Settings section) for the
respective channel and VREF (see the CONFIG3: Configuration Register 3 section). Table 12 summarizes the full-
scale differential input voltage range for an internal VREF.
Table 12. Full-Scale Differential Input Voltage Summary
FULL-SCALE DIFFERENTIAL INPUT
VREF
PGA GAIN
VOLTAGE, FSDI (VPP)
RMS VOLTAGE [= FSDI / (2
√2)] (VRMS)
1
4.8
1.698
2
2.4
0.849
2.4 V
4
1.2
0.424
8
0.6
0.212
12
0.4
0.141
1
8
2.828
2
4
1.414
4.0 V
4
2
0.707
8
1
0.354
12
0.66
0.236
44
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com