Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 35 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 35 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 31Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 32Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 33Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 34Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 35Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 37Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Hi-Z
START
DRDY
CS
SCLK
DIN
DOUT
RDATA Opcode
Status Register + n-Channel Data (216 Bits)
RDATA Opcode
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
SDATAC: Stop Read Data Continuous
This opcode cancels the Read Data Continuous mode. There are no SCLK rate restrictions for this command,
but the following command must wait for 4 tCLK cycles to execute.
RDATA: Read Data
Issue this command after DRDY goes low to read the conversion result (in Stop Read Data Continuous mode).
There are no SCLK rate restrictions for this command, and there is no wait time needed for subsequent
commands or data retrieval SCLKs. To retrieve data from the device after the RDATA command is issued, make
sure either the START pin is high or the START command is issued. When reading data with the RDATA
command, the read operation can overlap the next DRDY occurrence without data corruption. Figure 40 shows
the recommended way to use the RDATA command. RDATA is best suited for systems where register settings
must be read or changed often between conversion cycles.
Figure 40. RDATA Usage
Sending Multibyte Commands
The ADS131E0x serial interface decodes commands in bytes and requires 4 tCLK cycles to decode and execute.
Therefore, when sending multibyte commands, a 4-tCLK period must separate the end of one byte (or opcode)
and the next.
Assuming SCLK is 2.048 MHz, then tSDECODE (4 tCLK) is 1.96 µs. When SCLK is 16 MHz, one byte can be
transferred in 500 ns. This byte transfer time does not meet the tSDECODE specification; therefore, a delay must be
inserted so the end of the second byte arrives 1.46 µs later. If SCLK is 4 MHz, one byte is transferred in 2 µs.
Because this transfer time exceeds the tSDECODE specification, the processor can send subsequent bytes without
delay. In this later scenario, the serial port can be programmed to move from single-byte transfers per cycle to
multiple bytes.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com