Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 37 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 37 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 33Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 34Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 35Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 37Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
REGISTER MAP
Table 10 describes the various ADS131E0x registers.
Table 10. Register Assignments(1)
RESET
VALUE
ADDRESS
REGISTER
(Hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Device Settings (Read-Only Registers)
00h
ID
xx
REV_ID2
REV_ID1
REV_ID0
1
0
0
NU_CH2
NU_CH1
Global Settings Across Channels
01h
CONFIG1
91
1
DAISY_IN
CLK_EN
1
0
DR2
DR1
DR0
02h
CONFIG2
E0
1
1
1
INT_TEST
0
TEST_AMP0
TEST_FREQ1
TEST_FREQ0
03h
CONFIG3
40
PDB_REFBUF
1
VREF_4V
0
OPAMP_REF
PDB_OPAMP
0
0
04h
FAULT
00
COMP_TH2
COMP_TH1
COMP_TH0
0
0
0
0
0
Channel-Specific Settings
05h
CH1SET
10
PD1
GAIN12
GAIN11
GAIN10
0
MUX12
MUX11
MUX10
06h
CH2SET
10
PD2
GAIN22
GAIN21
GAIN20
0
MUX22
MUX21
MUX20
07h
CH3SET
10
PD3
GAIN32
GAIN31
GAIN30
0
MUX32
MUX31
MUX30
08h
CH4SET
10
PD4
GAIN42
GAIN41
GAIN40
0
MUX42
MUX41
MUX40
09h
CH5SET
10
PD5
GAIN52
GAIN51
GAIN50
0
MUX52
MUX51
MUX50
0Ah
CH6SET
10
PD6
GAIN62
GAIN61
GAIN60
0
MUX62
MUX61
MUX60
0Bh
CH7SET
10
PD7
GAIN72
GAIN71
GAIN70
0
MUX72
MUX71
MUX70
0Ch
CH8SET
10
PD8
GAIN82
GAIN81
GAIN80
0
MUX82
MUX81
MUX80
Fault Detect Status Registers (Read-Only Registers)
12h
FAULT_STATP
00
IN8P_FAULT
IN7P_FAULT
IN6P_FAULT
IN5P_FAULT
IN4P_FAULT
IN3P_FAULT
IN2P_FAULT
IN1P_FAULT
13h
FAULT_STATN
00
IN8N_FAULT
IN7N_FAULT
IN6N_FAULT
IN5N_FAULT
IN4N_FAULT
IN3N_FAULT
IN2N_FAULT
IN1N_FAULT
GPIO and Other Registers
14h
GPIO
0F
GPIOD4
GPIOD3
GPIOD2
GPIOD1
GPIOC4
GPIOC3
GPIOC2
GPIOC1
(1)
Registers 0Dh, 0Eh, 0Fh, 10h, and 11h must be written to all 0's.
User Register Description
ID: ID Control Register (Factory-Programmed, Read-Only)
Address = 00h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REV_ID2
REV_ID1
REV_ID0
1
0
0
NU_CH2
NU_CH1
This register is programmed during device manufacture to indicate device characteristics.
Bits[7:5]
REV_ID[2:0]: Device family identification
These bits indicate the device family.
000, 001, 010, 011, 100, 101 = Reserved
110 = ADS131E08
111 = Reserved
Bit 4
Must be set to '1'
This bit reads high.
Bits[3:2]
Must be set to '0'
These bits read low.
Bits[1:0]
NU_CH[2:1]: Factory-programmed device identification bits (read-only)
These bits indicate the device version.
00 = 4-channel device
01 = 6-channel device
10 = 8-channel device
11 = Reserved
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com