Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 18 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 18 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 14Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 19Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
PgaP
R2
(for Gain = 2)
60 kΩ
From MuxP
PgaN
From MuxN
R2
R1
30 kΩ
30 kΩ
To ADC
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
PGA SETTINGS AND INPUT RANGE
The PGA is a differential input and output amplifier, as shown in Figure 21. It has five gain settings (1, 2, 4, 8,
and 12) that can be set by writing to the CHnSET register (see the CHnSET Register in the Register Map section
for details). The ADS131E0x have CMOS inputs and therefore have negligible current noise. Table 3 shows the
typical bandwidth values for various gain settings. Note that Table 3 shows small-signal bandwidth. For large
signals, performance is limited by PGA slew rate.
The PGA resistor string that implements the gain has 120 k
Ω of resistance for a gain of 2. This resistance
provides a current path across the PGA outputs in the presence of a differential input signal. This current is in
addition to the quiescent current specified for the device in the presence of a differential signal at the input.
Figure 21. PGA Implementation
Table 3. PGA Gain versus Bandwidth
GAIN
NOMINAL BANDWIDTH AT ROOM TEMPERATURE (kHz)
1
237
2
146
4
96
8
48
12
32
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com