Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 29 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 29 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 25Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 26Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 27Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 28Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 29Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 30Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 31Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 32Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
STOP Opcode
DRDY and DOUT
START Pin
or
STOP(1)
STOP(1)
t
SDSU
t
DSHD
START(1)
Opcode
START Pin
DIN
tSETTLE
DRDY
STOP(1)
Opcode
or
or
t
DR
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
Continuous Mode
Conversions begin when the START pin is taken high or when the START opcode command is sent. As seen in
Figure 34, the DRDY output goes high when conversions are started and then goes low when data are ready.
Conversions continue indefinitely until the START pin is taken low or the STOP opcode command is transmitted.
When the START pin is pulled low or the stop command is issued, the conversion in progress is allowed to
complete. Figure 35 and Table 8 show the required DRDY timing to the START pin and the START and STOP
opcode commands when controlling conversions in this mode. To keep the converter running continuously, the
START pin can be permanently tied high.
(1)
START and STOP opcode commands take effect on the seventh SCLK falling edge.
Figure 34. Continuous Conversion Mode
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
Figure 35. START to DRDY Timing
Table 8. Timing Characteristics for Figure 35(1)
SYMBOL
DESCRIPTION
MIN
UNIT
START pin low or STOP opcode to DRDY setup time
tSDSU
16
1/2 fMOD
to halt further conversions
START pin low or STOP opcode to complete current
tDSHD
16
1/2 fMOD
conversion
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com