Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 6 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 6 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 2Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 3Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 4Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 5Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 6Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 7Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 8Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS131E0x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (Operational Amplifier Turned Off)
AVDD – AVSS = 3 V
5.1
mA
IAVDD
AVDD – AVSS = 5 V
5.8
mA
Normal mode
DVDD = 3.3 V
1
mA
IDVDD
DVDD = 1.8 V
0.4
mA
POWER DISSIPATION (Analog Supply = 3 V)
Normal mode
9.3
10.2
mW
ADS131E04
Power-down mode
10
µW
Standby mode
2
mW
Normal mode
12.7
13.5
mW
Quiescent power
ADS131E06
Power-down mode
10
µW
dissipation
Standby mode
2
mW
Normal mode
16
17.6
mW
ADS131E08
Power-down mode
10
µW
Standby mode
2
mW
POWER DISSIPATION (Analog Supply = 5 V)
Normal mode
18
mW
ADS131E04
Power-down mode
20
µW
Standby mode
4.2
mW
Normal mode
24.3
mW
Quiescent power
ADS131E06
Power-down mode
20
µW
dissipation
Standby mode
4.2
mW
Normal mode
29.7
mW
ADS131E08
Power-down mode
20
µW
Standby mode
4.2
mW
TEMPERATURE
TA
Specified
–40
+105
°C
Temperature
TJ
Operating
–40
+105
°C
range
Tstg
Storage
–60
+150
°C
THERMAL INFORMATION
ADS131E0x
THERMAL METRIC(1)
PAG (TQFP)
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
θJCtop
Junction-to-case (top) thermal resistance
31
θJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
NA
θJCbot
Junction-to-case (bottom) thermal resistance
NA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com