Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 24 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 24 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 23Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 24Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 25Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 26Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 27Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
CLOCK
The ADS131E0x provide two different device clocking methods: internal and external. Internal clocking is ideally
suited for low-power, battery-powered systems. The internal oscillator is trimmed for accuracy at room
temperature. Accuracy varies over the specified temperature range; refer to the Electrical Characteristics for
details. Clock selection is controlled by the CLKSEL pin and the CLK_EN register bit.
The CLKSEL pin selects either the internal or external clock. The CLK_EN bit in the CONFIG1 register enables
and disables the oscillator clock to be output in the CLK pin. A truth table for these two pins is shown in Table 4.
The CLK_EN bit is useful when multiple devices are used in a daisy-chain configuration. It is recommended that
during power-down the external clock be shut down to save power.
Table 4. CLKSEL Pin and CLK_EN Bit
CONFIG1.CLK_EN
CLKSEL PIN
BIT
CLOCK SOURCE
CLK PIN STATUS
0
X
External clock
Input: external clock
1
0
Internal clock oscillator
3-state
1
1
Internal clock oscillator
Output: internal clock oscillator
DATA FORMAT
The ADS131E0x output resolution is dependent upon the DR[2:0] bit setting in the CONFIG1 register. When
DR[2:0] = 000 or 001, the 16 bits of data per channel are sent in binary twos complement format, MSB first. The
LSB has a weight of VREF / (2
15 – 1). A positive full-scale input produces an output code of 7FFFh and the
negative full-scale input produces an output code of 8000h. The output clips at these codes for signals exceeding
full-scale. Table 5 summarizes the ideal output codes for different input signals. All 16 bits toggle when the
analog input is at positive or negative full-scale.
Table 5. Ideal Output Code versus Input Signal, LSB Weight = VREF / (2
15 – 1)
INPUT SIGNAL, VIN
(AINP – AINN)
IDEAL OUTPUT CODE(1)(2)
≥ VREF
7FFFh
+VREF / (2
15 – 1)
0001h
0
0000h
–VREF / (2
15 – 1)
FFFFh
≤ –VREF (2
15 / 215 – 1)
8000h
(1)
Assumes gain = 1.
(2)
Excludes effects of noise, linearity, offset, and gain error.
When DR[2:0] = 010, 011, 100, 101, or 110, the ADS131E0x outputs 24 bits of data per channel in binary twos
complement format, MSB first. The LSB has a weight of VREF / (2
23 – 1). A positive full-scale input produces an
output code of 7FFFFFh and the negative full-scale input produces an output code of 800000h. The output clips
at these codes for signals exceeding full-scale. Table 6 summarizes the ideal output codes for different input
signals.
Table 6. Ideal Output Code versus Input Signal, LSB Weight = VREF / (2
23 – 1)
INPUT SIGNAL, VIN
(AINP – AINN)
IDEAL OUTPUT CODE
≥ VREF
7FFFFFh
+VREF / (2
23 – 1)
000001h
0
000000h
–VREF / (2
23 – 1)
FFFFFFh
≤ –VREF (2
23 / 223 – 1)
800000h
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com