Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 52 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 52 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 49Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 52Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 53Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 54Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 55Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Analog or Digital
Set CLKSEL Pin = 1,
Wait for Internal
Oscillator to Start Up
Set PWDN = 1
Set RESET = 1
Wait for 1 s
Issue Reset Pulse,
Wait for 18 tCLKs
Set START = 1
Write Certain
Registers,
Including Input
Set PDB_REFBUF = 1
and Wait for Internal
Reference
Send SDATAC
Command
Set CLKSEL Pin = 0
and Provide External Clock
f = 2.048 MHz
External
Reference
External
RDATAC
Capture Data
and Test Signal
Set Test Signals
Capture Data
and Check Noise
// Follow Power-Up Sequencing
// If START is tied high, after this step
// DRDY toggles at fCLK / 64
// Delay for Power-On Reset and Oscillator Start-Up
// Activate DUT
// CS can be Either Tied Permanently Low
// Or Selectively Pulled Low Before Sending
// Commands or Reading and Sending Data from or to the Device
// Device Wakes Up in RDATAC Mode, so Send
// SDATAC Command so Registers can be Written
SDATAC
// If Using Internal Reference, Send This Command
WREG CONFIG3 C0h
// Set Device for DR = fMOD / 32
WREG CONFIG1 91h
WREG CONFIG2 E0h
// Set All Channels to Input Short
WREG CHnSET 01h
// Activate Conversion
// After This Point DRDY Should Toggle at
// fCLK / 64
// Put the Device Back in RDATAC Mode
RDATAC
// Look for DRDY and Issue 24 + n u 24 SCLKs
// Activate a (1 mV / 2.4 V) Square-Wave Test Signal
// On All Channels
SDATAC
WREG CONFIG2 F0h
WREG CHnSET
05h
RDATAC
YES
YES
NO
NO
// Look for DRDY and Issue 24 + n u 24 SCLKs
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
Figure 50. Initial Flow at Power-Up
52
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com