Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 22 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 22 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 19Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 23Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 24Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 25Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
To ADC Reference Inputs
VCAP1
22
F
VREFP
VREFN
Bandgap
2.4 V or 4 V
AVSS
R1
(1)
R3
(1)
R2
(1)
10
F
10
10
30
50
70
90
110
130
-
-
-
-
-
-
-
Normalized Frequency (f /f
)
IN MOD
0.5
0
4
1
1.5
2
2.5
3
3.5
DR[2:0] = 110
DR[2:0] = 000
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
Figure 27. Transfer Function of On-Chip Decimation Filters
Until 4 fMOD for DR[2:0] = 000 and DR[2:0] = 110
REFERENCE
Figure 28 shows a simplified block diagram of the internal ADS131E0x reference. The reference voltage is
generated with respect to AVSS. When using the internal voltage reference, connect VREFN to AVSS.
(1) For VREF = 2.4 V: R1 = 12.5 kΩ, R2 = 25 kΩ, and R3 = 25 kΩ. For VREF = 4 V: R1 = 10.5 kΩ, R2 = 15 kΩ, and R3 = 35 kΩ.
Figure 28. Internal Reference
The external band-limiting capacitors determine the amount of reference noise contribution. For high-end
systems, the capacitor values should be chosen such that the bandwidth is limited to less than 10 Hz, so that the
reference noise does not dominate the system noise. When using a 3-V analog supply, the internal reference
must be set to 2.4 V. In case of a 5-V analog supply, the internal reference can be set to 4 V by setting the
VREF_4V bit in the CONFIG2 register.
Alternatively, the internal reference buffer can be powered down and VREFP can be driven externally. Figure 29
shows a typical external reference drive circuitry. Power-down is controlled by the PD_REFBUF bit in the
CONFIG3 register. This power-down is also used to share internal references when two devices are cascaded.
By default, the device wakes up in external reference mode.
22
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com