Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 3 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 3 Page - Texas Instruments

  COMBOSMARTMETER Datasheet HTML 1Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 2Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 3Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 4Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 5Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 6Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 7Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 8Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS131E0x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF / gain
V
(AINP – AINN)
See the Input Common-Mode
Input common-mode range
Range subsection of the PGA
Settings and Input Range section
Ci
Input capacitance
20
pF
IIB
Input bias current
PGA output in normal range
5
nA
DC input impedance
200
M
Ω
PGA PERFORMANCE
Gain settings
1, 2, 4, 8, 12
See
BW
Bandwidth
Table 3
ADC PERFORMANCE
Data rates up to 16 kSPS
24
Bits
Resolution
32- and 64-kSPS data rate
16
Bits
DR
Data rate
fCLK = 2.048 MHz
1
64
kSPS
CHANNEL PERFORMANCE (DC Performance)
INL
Integral nonlinearity
Full-scale, best fit
10
ppm
G = 1
105
dB
Dynamic range
Gain settings other than 1
See Noise Measurements section
EO
Offset error
350
μV
Offset error drift
0.65
μV/°C
EG
Gain error
Excluding voltage reference error
0.1
%
Gain drift
Excluding voltage reference drift
3
ppm/°C
Gain match between channels
0.2
% of FS
CHANNEL PERFORMANCE (AC Performance)
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz
(1)
–110
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz and 60 Hz
–80
dB
Crosstalk
fIN = 50 Hz and 60 Hz
–110
dB
AVDD = 3V, VREF
0.04
%
= 2.4V
3000:1 dynamic range with a 1-second
Accuracy
measurement (VRMS / IRMS)
AVDD = 5 V, VREF
0.025
%
= 4V
SNR
Signal-to-noise ratio
fIN = 50 Hz and 60 Hz, gain = 1
107
dB
THD
Total harmonic distortion
10 Hz, –0.5 dBFs
–93
dB
FAULT DETECT AND ALARM
Comparator threshold accuracy
±30
mV
EXTERNAL REFERENCE
AVDD = 3 V, VREF = (VREFP – VREFN)
2
2.5
AVDD
V
Reference input voltage
AVDD = 5 V, VREF = (VREFP – VREFN)
2
4
AVDD
V
VREFN Negative input
AVSS
V
AVDD –
AVSS +
VREFP
Positive input
AVDD
V
2.5
2.5
Input impedance
6
k
Ω
(1)
CMRR is measured with a common-mode signal of (AVSS + 0.3 V) to (AVDD – 0.3 V). The values indicated are the minimum of the
eight channels.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com