Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 38 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 38 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 34Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 35Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 37Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
CONFIG1: Configuration Register 1
Address = 01h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
1
DAISY_IN
CLK_EN
1
0
DR2
DR1
DR0
This register configures each ADC channel sample rate.
Bit 7
Must be set to '1'
Bit 6
DAISY_IN: Daisy-chain and multiple read-back mode
This bit determines which mode is enabled.
0 = Daisy-chain mode (default)
1 = Multiple read-back mode
Bit 5
CLK_EN: CLK connection(1)
This bit determines if the internal oscillator signal is connected to the CLK pin when the CLKSEL pin = 1.
0 = Oscillator clock output disabled (default)
1 = Oscillator clock output enabled
Bit 4
Must be set to '1'
Bit 3
Must be set to '0'
Bits[2:0]
DR[2:0]: Output data rate
These bits determine the output data rate and resolution. See Table 11 for details.
Modulator clock fMOD = fCLK / 2. Where fMOD = 1.024 MHz.
(1)
Additional power is consumed when driving external devices.
Table 11. Data Rate Settings
DR{2:0]
RESOLUTION
DATA RATE (kSPS)
000
16-bit output
64
001
16-bit output
32 (default)
010
24-bit output
16
011
24-bit output
8
100
24-bit output
4
101
24-bit output
2
110
24-bit output
1
111
Do not use
NA
38
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com