Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 40 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 40 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 37Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
CONFIG3: Configuration Register 3
Address = 03h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDB_REFBUF
1
VREF_4V
0
OPAMP_REF
PDB_OPAMP
0
0
This register configures the multireference operation.
Bit 7
PDB_REFBUF: Power-down reference buffer
This bit determines the power-down reference buffer state.
0 = Power-down internal reference buffer (default)
1 = Enable internal reference buffer
Bit 6
Must be set to '1'
Default is '1' at power-up.
Bit 5
VREF_4V: Reference voltage
This bit determines the reference voltage, VREFP.
0 = VREFP is set to 2.4 V (default)
1 = VREFP is set to 4 V (use only with a 5-V analog supply)
Bit 4
Must be set to '0'
Bit 3
OPAMP_REF: Op amp reference
This bit determines whether the op amp noninverting input connects to the OPAMPP pin or to the internally-derived 1/2
supply (AVDD + AVSS) / 2.
0 = Noninverting input connected to the OPAMPP pin (default)
1 = Noninverting input connected to (AVDD + AVSS) / 2
Bit 2
PDB_OPAMP: Op amp power down
This bit determines the power-down reference buffer state.
0 = Power-down op amp (default)
1 = Enable op amp
Bits[1:0]
Must be set to '0'
40
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com