Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 21 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 21 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 19Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 23Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 24Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
NormalizedFrequency(f /f
)
IN MOD
0.01
0
0.07
0.02
0.03
0.04
0.05
0.06
DR[2:0]=000
DR[2:0]=110
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
Normalized Frequency (f /f
)
IN MOD
0.05
0.1
0
0.5
0.15
0.2
0.25
0.3
0.35
0.4
0.45
DR[2:0] = 110
DR[2:0] = 000
0
-20
-40
-60
-80
-100
-120
-140
Normalized Frequency (f /f
)
IN DR
1
2
0
3
4
5
0.5
4.5
3.5
2.5
1.5
0
0.5
1
1.5
2
2.5
3
-
-
-
-
-
-
Normalized Frequency (f /f
)
IN DR
0.05
0.1
0
0.15
0.35
0.2
0.25
0.3
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
The sinc filter has notches (or zeroes) that occur at the output data rate and multiples thereof. At these
frequencies, the filter has infinite attenuation. Figure 23 shows the sinc filter frequency response and Figure 24
shows the sinc filter roll-off. With a step change at the input, the filter takes 3 tDR to settle. After a rising edge of
the START signal, the filter takes tSETTLE time to output settled data. The filter settling times at various data rates
are discussed in the START subsection of the SPI Interface section. Figure 25 and Figure 26 show the filter
transfer function until fMOD / 2 and fMOD / 16, respectively, at different data rates. Figure 27 shows the transfer
function extended until 4 fMOD. It can be seen that the ADS131E0x passband repeats itself at every fMOD. The
input R-C antialiasing filters in the system should be chosen such that any interference in frequencies around
multiples of fMOD are attenuated sufficiently.
Figure 23. Sinc Filter Frequency Response
Figure 24. Sinc Filter Roll-Off
Figure 25. Transfer Function of On-Chip
Figure 26. Transfer Function of On-Chip
Decimation Filters Until fMOD / 2
Decimation Filters Until fMOD / 16
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com