Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 51 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 51 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 49Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 52Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 53Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 54Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Power Supplies
RESET
t
RST
Start Using the Device
t
POR
18 t
CLK
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
POWER-UP SEQUENCING
Before device power-up, all digital and analog inputs must be low. At power-up, these signals should remain low
until the power supplies have stabilized, as shown in Figure 49. Once the supply voltages have reached the final
value, the digital power-on reset (tPOR) executes to set the digital portion of the chip. The reset pin, or reset
command, should be issued after tPOR and when the VCAP1 voltage is greater than 800 mV. The VCAP1 pin
charge time is set by RC time constant; see Figure 28. If the VCAP1 capacitor is 22 µF, a reset can be issued
within 400 ms after power up. After releasing RESET, the configuration register must be programmed (see the
CONFIG1: Configuration Register 1 subsection of the Register Map section for details). The power-up sequence
timing is shown in Table 13.
Figure 49. Power-Up Timing Diagram
Table 13. Power-Up Sequence Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tPOR
Wait after power-up until reset
216
tCLK
tRST
Reset low width
1
tCLK
SETTING THE DEVICE FOR BASIC DATA CAPTURE
This section outlines the procedure to configure the device in a basic state and capture data. This procedure is
intended to put the device in a data sheet condition to check if the device is working properly in the user system.
It is recommended that this procedure be followed initially to get familiar with the device settings. When this
procedure is verified, the device can be configured as needed. For details on the timings for commands refer to
the appropriate sections in the data sheet. The flow chart of Figure 50 details the initial ADS131E0x configuration
and setup.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com