Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 48 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 48 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 45Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 49Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Device
EMI
Filter
To
ADC
PGA
3-Bit
DAC
(1)
COMP_TH[2:0]
Fault Detect
Control Register
FAULT_STATP
FAULT_STATN
+
-
INP
INN
AVDD
AVSS
R
R
Voltage
Or
Current
Sensing
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
FAULT DETECTION
The ADS131E0x have integrated comparators that can be used in conjunction with the external pull-up or pull-
down resistors (R) to detect various fault conditions. The basic principle is to compare the input voltage with the
one set by the fault comparator 3-bit digital-to-analog converter (DAC), as shown in Figure 46. The comparator
trigger threshold level is set by the COMP_TH[2:0] bits in the FAULT register. Assuming that the ADS131E0x is
powered from ±2.5-V supply and COMP_TH[2:0] = 000 (95% and 5%), the high-side trigger threshold is set at
+2.25 V [equal to AVSS + (AVDD + AVSS) × 95%] and the low-side threshold is set at –2.25 V [equal to AVSS +
(AVDD + AVSS) × 5%]. The threshold calculation formula applies to unipolar as well as bipolar supplies.
A fault condition, such as an input signal going out of a predetermined range, can be detected by setting the
appropriate threshold level using the COMP_TH[2:0] bits. An open-circuit fault at the INP or INN pin can be
detected by using the external pull-up and pull-down resistors, which rail the corresponding input when the input
circuit breaks, causing the fault comparators to trip. To pinpoint which of the inputs is out of range, the status of
the FAULT_STATP and FAULT_STATN registers can be read, which is available as part of the output data
stream; see the Data Output (DOUT) subsection of the SPI Interface section.
(1) The configurable 3-bit DAC is common to all channels.
Figure 46. Fault Detect Comparators
48
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com