Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 25 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 25 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 22Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 23Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 24Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 25Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 26Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 27Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 28Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
SPI INTERFACE
The SPI-compatible serial interface consists of four signals: CS, SCLK, DIN, and DOUT. The interface reads
conversion data, reads and writes registers, and controls the ADS131E0x operation. The DRDY output is used
as a status signal to indicate when data are ready. DRDY goes low when new data are available.
Chip Select (CS)
Chip select (CS) selects the ADS131E0x for SPI communication. CS must remain low for the entire serial
communication duration. After the serial communication is finished, four or more tCLK cycles must elapse before
taking CS high. When CS is taken high, the serial interface is reset, SCLK and DIN are ignored, and DOUT
enters a high-impedance state. DRDY asserts when data conversion is complete, regardless of whether CS is
high or low.
Serial Clock (SCLK)
SCLK is the serial peripheral interface (SPI) serial clock. It is used to shift in commands and shift out data from
the device. The serial clock (SCLK) features a Schmitt-triggered input and clocks data on the DIN and DOUT
pins into and out of the ADS131E0x.
Care should be taken to prevent glitches on SCLK while CS is low. Glitches as small as 1 ns wide could be
interpreted as a valid serial clock. After eight serial clock events, the ADS131E0x assume an instruction must be
interrupted and executed. If it is suspected that instructions are being interrupted erroneously, toggle CS high
and back low to return the chip to normal operation. It is also recommended to issue serial clocks in multiples of
eight. The absolute maximum SCLK limit is specified in the Serial Interface Timing table.
For a single device, the minimum speed needed for SCLK depends on the number of channels, number of bits of
resolution, and output data rate. (For multiple cascaded devices, see the Standard Mode subsection of the
Multiple Device Configuration section.) The SCLK rate limitation, as described by Equation 6, applies to RDATAC
mode.
tSCLK < (tDR – 4 tCLK) / (NBITSNCHANNELS + 24)
(6)
For example, if the ADS131E0x is used in an 8-kSPS mode (eight channels, 24-bit resolution), the minimum
SCLK speed is 1.72 MHz.
Data retrieval can be done either by putting the device in RDATAC mode or by issuing an RDATA command for
data on demand. The SCLK rate limitation, as described by Equation 6, applies to RDATAC mode. For the
RDATA command, the limitation applies if data must be read in between two consecutive DRDY signals. The
above calculation assumes that there are no other commands issued in between data captures.
Data Input (DIN)
The data input pin (DIN) is used along with SCLK to communicate with the ADS131E0x (opcode commands and
register data). The device latches data on DIN on the SCLK falling edge.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com