Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 39 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 39 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 35Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 37Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
CONFIG2: Configuration Register 2
Address = 02h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
1
1
1
INT_TEST
0
TEST_AMP0
TEST_FREQ1
TEST_FREQ0
This register configures the test signal generation. See the Input Multiplexer section for more details.
Bits[7:5]
Must be set to '1'
Bit 4
INT_TEST: Test source
This bit determines the source for the Test signal.
0 = Test signals are driven externally (default)
1 = Test signals are generated internally
Bit 3
Must be set to '0'
Bit 2
TEST_AMP: Test signal amplitude
These bits determine the Calibration signal amplitude.
0 = 1 × –(VREFP – VREFN) / 2400 (default)
1 = 2 × –(VREFP – VREFN) / 2400
Bits[1:0]
TEST_FREQ[1:0]: Test signal frequency
These bits determine the calibration signal frequency.
00 = Pulsed at fCLK / 2
21 (default)
01 = Pulsed at fCLK / 2
20
10 = Not used
11 = At dc
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com