Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 42 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 42 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 38Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 45Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
CHnSET: Individual Channel Settings (n = 1 to 8)
Address = 05h to 0Ch
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDn
GAINn2
GAINn1
GAINn0
0
MUXn2
MUXn1
MUXn0
This register configures the power mode, PGA gain, and multiplexer settings channels. See the Input Multiplexer
section for details. CH[2:8]SET are similar to CH1SET, corresponding to the respective channels (refer to
Table 10).
Bit 7
PDn: Power-down (n = individual channel number)
This bit determines the channel power mode for the corresponding channel.
0 = Normal operation (default)
1 = Channel power-down
Bits[6:4]
GAINn[2:0]: PGA gain (n = individual channel number)
These bits determine the PGA gain setting.
000 = Do not use
001 = 1 (default)
010 = 2
011 = Do not use
100 = 4
101 = 8
110 = 12
111 = Do not use
Bit 3
Must be set to '0'
Bits[2:0]
MUXn[2:0]: Channel input (n = individual channel number)
These bits determine the channel input selection.
000 = Normal input (default)
001 = Input shorted (for offset or noise measurements)
010 = Do not use
011 = MVDD for supply measurement
100 = Temperature sensor
101 = Test signal
110 = Do not use
111 = Do not use
42
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com