Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 32 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 32 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 28Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 29Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 30Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 31Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 32Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 33Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 34Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 35Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
f
SCLK
f
(N
)(N
DR
BITS
CHANNELS) + 24
N
=
DEVICES
DOUT1
DAISY_IN0
DOUT
0
CLKS
MSB0
2
1
3
n
n+1
n+2
LSB0
n+3
Data From First Device (ADS131E04/6/8)
XX
MSB1
LSB1
MSB1
LSB1
Data From Second Device (ADS131E04/6/8)
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
Note that from Figure 2, the SCLK rising edge shifts data out of the ADS131E0x on DOUT. The SCLK rising
edge is also used to latch data into the device DAISY_IN pin down the chain. This architecture allows for a faster
SCLK rate speed, but it also makes the interface sensitive to board-level signal delays. The more devices in the
chain, the more challenging it could become to adhere to setup and hold times. A star-pattern connection of
SCLK to all devices, minimizing length of DOUT, and other printed circuit board (PCB) layout techniques helps.
Placing delay circuits (such as buffers) between DOUT and DAISY_IN also helps mitigate this challenge. One
other option is to insert a D flip-flop between DOUT and DAISY_IN clocked on an inverted SCLK. Also note that
daisy-chain mode requires some software overhead to recombine data bits spread across byte boundaries.
Figure 38 shows a timing diagram for daisy-chain mode.
NOTE: n = (number of channels) × (resolution) + 24 bits. The number of channels is 4, 6, or 8. Resolution is 16-bit or 24-bit.
Figure 38. Daisy-Chain Timing
The maximum number of devices that can be daisy-chained depends on the data rate at which the device is
operated at. The maximum number of devices can be approximately calculated with Equation 7.
where:
NBITS = device resolution (depends on RDR[1:0] setting),
and NCHANNELS = number of channels in the device (4, 6, or 8).
(7)
For example, when the ADS131E08 (eight-channel version) is operated at a 24-bit, 8-kSPS data rate with fSCLK =
10 MHz, up to six devices can be daisy-chained together.
32
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com