Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 4 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 4 Page - Texas Instruments

  COMBOSMARTMETER Datasheet HTML 1Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 2Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 3Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 4Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 5Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 6Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 7Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 8Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS131E0x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATIONAL AMPLIFIER
Integrated noise
0.1 Hz to 250 Hz
9
µVRMS
Noise density
2 kHz
120
nV/
√Hz
GBP
Gain bandwidth product
50 k
Ω || 10-pF load
100
kHz
SR
Slew rate
50 k
Ω || 10-pF load
0.25
V/µs
Load current
50
µA
THD
Total harmonic distortion
fIN = 100 Hz
70
dB
AVSS +
AVDD –
CMIR
Common-mode input range
V
0.7
0.3
Quiescent power consumption
20
µA
INTERNAL REFERENCE
TA = +25°C, VREF = 2.4 V
2.394
2.4
2.406
V
VO
Output voltage
TA = +25°C, VREF = 4 V
4
V
VREF accuracy
±0.2
%
Temperature drift
–40°C
≤ TA ≤ +105°C
20
ppm/°C
Start-up time
Settled to 0.2%
150
ms
SYSTEM MONITORS
Analog
2
%
Supply reading
error
Digital
2
%
From power-up to DRDY low
150
ms
Device wake up
STANDBY mode
31.25
µs
Voltage
TA = +25°C
145
mV
Temperature
sensor reading
Coefficient
490
μV/°C
SELF-TEST SIGNAL
Hz
fCLK / 2
21
Signal frequency
See Register Map section for settings
Hz
fCLK / 2
20
±1
mV
Signal voltage
See Register Map section for settings
±2
mV
Accuracy
±2
%
CLOCK
Nominal frequency
2.048
MHz
Internal oscillator clock frequency
TA = +25°C
±0.5
%
–40°C
≤ TA ≤ +105°C
2.5
%
Internal oscillator start-up time
20
μs
Internal oscillator power
120
μW
consumption
CLKSEL pin = 0, AVDD = 3 V
1.7
2.048
2.25
MHz
External clock input frequency
CLKSEL pin = 0, AVDD = 5 V
0.7
2.048
2.25
MHz
DIGITAL INPUT AND OUTPUT (DVDD = 1.8 V to 3.6 V)
DVDD +
VIH
High
0.8 DVDD
V
Logic level,
0.1
input voltage
VIL
Low
–0.1
0.2 DVDD
V
VOH
High
IOH = –500 µA
0.9 DVDD
V
Logic level,
output voltage
VOL
Low
IOL = +500 µA
0.1 DVDD
V
IIN
Input current
0 V < VDigitalInput < DVDD
–10
+10
μA
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply
AVDD – AVSS
2.7
3
5.25
V
DVDD
Digital supply
1.8
1.8
3.6
V
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com