Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 50 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 50 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 48Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 49Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 52Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 53Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Device
0.1 µF
1 µF
AVDD
AVDD1
0.1 µF
1 µF
1.5 V
AVSS
AVSS1
DGND
DVDD
+1.5 V
+1.8 V
0.1 µF
1 µF
VCAP1
VCAP2
VCAP3
0.1 µF
VREFP
VREFN
10 µF
VCAP4
1 µF
1 µF
1 µF
1.5 V
22 µF
0.1 µF
RESV1
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
Connecting the Device to Bipolar (±1.5 V or 1.8 V) Supplies
Figure 48 illustrates the ADS131E0x connected to a bipolar supply. In this example, the analog supplies connect
to the device analog supply (AVDD). This supply is referenced to the device analog return (AVSS), and the
digital supply (DVDD) is referenced to the device digital ground return (DGND).
NOTE: Place the capacitors for supply, reference, and VCAP1 to VCAP4 as close to the package as possible.
Figure 48. Bipolar Supply Operation
Shielding Analog Signal Paths
As with any precision circuit, careful PCB layout ensures the best performance. It is essential to make short,
direct interconnections and avoid stray wiring capacitance—particularly at the analog input pins and AVSS.
These analog input pins are high-impedance and extremely sensitive to extraneous noise. The AVSS pin should
be treated as a sensitive analog signal and connected directly to the supply ground with proper shielding.
Leakage currents between the PCB traces can exceed the ADS131E0x input bias current if shielding is not
implemented. Digital signals should be kept as far as possible from the analog input signals on the PCB.
50
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com