Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
ADM1026
http://onsemi.com
45
Table 49. REGISTER 23H, STATUS REGISTER 4 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
INT Temp Status = 0
R
1, if INT value is above the high limit or below the low limit on the previous
conversion cycle, 0 otherwise. This bit is set (once only) if a THERM mode is
engaged as a result of INT temperature readings exceeding the INT THERM limit.
This bit is also set (once only) if THERM mode is disengaged as a result of internal
temperature readings going 5C below Int THERM limit.
1
VBAT Status = 0
R
1, if VBAT value is above the high limit or below the low limit on the previous
conversion cycle, 0 otherwise.
2
AIN8 Status = 0
R
1, if AIN8 value is above the high limit or below the low limit on the previous
conversion cycle, 0 otherwise.
3
THERM Status = 0
R
This bit is set (once only) if a THERM mode is engaged as a result of temperature
readings exceeding the THERM limits on any channel. This bit is also set (once
only) if THERM mode is disengaged as a result of temperature readings going 5C
below THERM limits on any channel.
4
AFC Status = 0
R
This bit is set (once only) if the fan turns on when in automatic fan speed control (AFC)
mode as a result of a temperature reading exceeding TMIN on any channel. This bit is
also set (once only) if the fan turns off when in automatic fan speed control mode.
5
Unused
R
Unused. Reads back 0.
6
CI Status = 0
R
This bit latches a chassis intrusion event.
7
GPIO16 Status = 0
R
R/W
When GPIO16 is configured as an input, this bit is set when GPIO16 is asserted.
(Asserted may be active high or active low depending on the setting in GPIO
configuration register.)
When GPIO16 is configured as an output, setting this bit asserts GPIO16. (Asserted
may be active high or active low depending on setting in GPIO configuration register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com