Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
ADM1026
http://onsemi.com
34
Registers
Table 12. ADDRESS POINTER REGISTER
Bit
Name
R/W
Description
7–0
Address Pointer
W
Address of ADM1026 registers. See the following tables for details.
Table 13. LIST OF REGISTERS
Hex
Address
Name
Power-on
Value
Description
00
Configuration 1
00h
Configures various operating parameters .
01
Configuration 2
00h
Configures Pins 3–6 and 9–12 as fan inputs or GPIO.
02
Fan 0–3 Divisor
55h
Sets oscillator frequency for Fan 0–3 speed measurement.
03
Fan 4–7 Divisor
55h
Sets oscillator frequency for Fan 4–7 speed measurement.
04
DAC Control
FFh
Contains value for fan speed DAC (analog fan speed control) or minimum value
for automatic fan speed control.
05
PWM Control
FFh
Contains value for PWM fan speed control or minimum value for automatic fan
speed control.
06
EEPROM Register
100h
For factory use only.
07
Configuration Register
300h
Configuration register for THERM, VREF and GPIO16.
08
GPIO Config 1
00h
Configures GPIO0 to GPIO3 as input or output and as active high or active low.
09
GPIO Config 2
00h
Configures GPIO4 to GPIO7 as input or output and as active high or active low.
0A
GPIO Config 3
00h
Configures GPIO8 to GPIO11 as input or output and as active high or active low.
0B
GPIO Config 4
00h
Configures GPIO12 to GPIO15 as input or output and as active high or active low.
0C
EEPROM Register 2
00h
For factory use only.
0D
Int Temp THERM Limit
37h (55C)
High limit for THERM interrupt output based on internal temperature
measurement.
0E
TDM1 THERM Limit
50h (80C)
High limit for THERM interrupt output based on Remote Channel 1 (D1)
temperature measurement.
0F
TDM2 THERM Limit
50h (80C)
High limit for THERM interrupt output based on Remote Channel 2 (D2)
temperature measurement.
10
Int Temp TMIN
28h (40C)
TMIN value for automatic fan speed control based on internal temperature
measurement.
11
TDM1 TMIN
40h (64C)
TMIN value for automatic fan speed control based on Remote Channel 1 (D1)
temperature measurement.
12
TDM2 TMIN
40h (64C)
TMIN value for automatic fan speed control based on Remote Channel 2 (D2)
temperature measurement.
13
EEPROM Register 3
00h
Configures EEPROM for read/write/erase, etc.
14
Test Register 1
00h
Manufacturer’s test register.
15
Test Register 2
00h
For manufacturer’s use only.
16
Manufacturer’s ID
41h
Contains manufacturer’s ID code.
17
Revision
4xh
Contains code for major and minor revisions.
18
Mask Register 1
00h
Interrupt mask register for temperature and supply voltage faults.
19
Mask Register 2
00h
Interrupt mask register for analog input faults.
1A
Mask Register 3
00h
Interrupt mask register for fan faults.
1B
Mask Register 4
00h
Interrupt mask register for local temp, VBAT, AIN8, THERM, AFC, CI and GPIO16.
1C
Mask Register 5
00h
Interrupt mask register for GPIO0 to GPIO7.
1D
Mask Register 6
00h
Interrupt mask register for GPIO8 to GPIO15.
1E
Int Temp Offset
00h
Offset register for internal temperature measurement.
1F
Int Temp Value
00h
Measured temperature from on-chip sensor.
20
Status Register 1
00h
Interrupt status register for external temp and supply voltage faults.
21
Status Register 2
00h
Interrupt status register for analog input faults.
22
Status Register 3
00h
Interrupt status register for fan faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com