Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
ADM1026
http://onsemi.com
23
When the temperature measured by any of the sensors
exceeds the corresponding TMIN, the fan is spun up for
2 seconds with the fan drive set to maximum (full scale from
the DAC or 100% PWM duty cycle). The fan speed is then
set to the minimum as previously defined. As the
temperature increases, the fan drive increases until the
temperature reaches TMIN + 20C.
The fan drive at any temperature up to 20C above TMIN
is given by:
(eq. 13)
PWM + PWMMIN ) 100 * PWMMIN
TACTUAL * TMIN
20
or
(eq. 14)
DAC + DACMIN ) 240 * DACMIN
TACTUAL * TMIN
20
For simplicity of the automatic fan speed algorithm, the
DAC code increases linearly up to 240, not its full scale of
255. However, when the temperature exceeds TMIN +20C,
the DAC output jumps to full scale. To ensure that the
maximum cooling capacity is always available, the fan drive
is always set by the sensor channel demanding the highest
fan speed.
If the temperature falls, the fan does not turn off until the
temperature measured by all three temperature sensors has
fallen to their corresponding TMIN − 4C. This prevents the
fan from cycling on and off continuously when the
temperature is close to TMIN.
Whenever a fan starts or stops during automatic fan speed
control, a one-off interrupt is generated at the INT output.
This is described in more detail in the section on the
ADM1026 Interrupt Structure.
Figure 41. Automatic PWM Fan Control Transfer
Function
PWM
OUTPUT
MIN
TEMPERATURE
TMIN
SPIN UP FOR 2 SECONDS
100%
TMIN ć 45C
TMIN + 205C
Figure 42. Automatic DAC Fan Control Transfer
Function
DAC
OUTPUT
MIN
TEMPERATURE
TMIN
255
TMIN - 45C
TMIN + 205C
SPIN UP FOR 2 SECONDS
240
Fan Inputs
Pins 3 to 6 and 9 to 12 may be configured as fan speed
measuring inputs by clearing the corresponding bit(s) of
Configuration Register 2 (Address 01h), or as
general-purpose logic inputs/outputs by setting bits in this
register. The power-on default value for this register is 00h,
which means all the inputs are set for fan speed
measurement.
Signal conditioning in the ADM1026 accommodates the
slow rise and fall times typical of fan tachometer outputs.
The fan tach inputs have internal 10 k
W pullup resistors to
3.3 V STBY. In the event that these inputs are supplied from
fan outputs that exceed the supply, either resistive
attenuation of the fan signal or diode clamping must be
included to keep inputs within an acceptable range.
Figure 43 through Figure 47 show circuits for common fan
tach outputs.
If the fan tach output is open-drain or has a resistive pullup
to VCC, then it can be connected directly to the fan input, as
shown in Figure 44.
Figure 43. Fan with Tach Pullup to +VCC
12 V
FAN SPEED
COUNTER
FAN(0–7)
PULLUP
4.7k
TYP
VCC
If the fan output has a resistive pullup to +12 V (or other
voltage greater than 3.3 V STBY), the fan output can be
clamped with a Zener diode, as shown in Figure 46. The
Zener voltage should be chosen so that it is greater than VIH
but less than 3.3 V STBY, allowing for the voltage tolerance
of the Zener.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com