Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 43 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
ADM1026
http://onsemi.com
43
Table 43. REGISTER 1DH, MASK REGISTER 6 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
GPIO8 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO8 channel are masked out.
1
GPIO9 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO9 channel are masked out.
2
GPIO10 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO10 channel are masked out.
3
GPIO11Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO11 channel are masked out.
4
GPIO12 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO12 channel are masked out.
5
GPIO13 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO13 channel are masked out.
6
GPIO14 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO14 channel are masked out.
7
GPIO15 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO15 channel are masked out.
Table 44. REGISTER 1EH, INT TEMP OFFSET (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Int Temp Offset
R/W
This register contains the offset value for the internal temperature channel, a twos
complement result before it is stored or compared to limits. In this way, a sort of
one-point calibration can be done whereby the whole transfer function of the channel
can be moved up or down. From a software point of view, this may be a very simple
method to vary the characteristics of the measurement channel if the thermal
characteristics change for any reason (for instance from one chassis to another), if
the measurement point is moved, if a plug-in card is inserted or removed, and so on.
Table 45. REGISTER 1FH, INT TEMP MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Int Temp Value
R
This register contains the measured value of the internal temperature channel.
Table 46. REGISTER 20H, STATUS REGISTER 1 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
Ext1 Temp Status = 0
R
1, if Ext1 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise. This bit is set (once only) if a THERM mode is
engaged as a result of Ext1 temp readings exceeding the Ext1 THERM limit. This bit
is also set (once only) if THERM mode is disengaged as a result of Ext1 temperature
readings going 5C below Ext1 THERM limit.
1
Ext2 Temp Status = 0
R
1, if Ext 2 value (or AIN9 if in voltage measurement mode) is above the /AIN9 status =
0 high limit or below the low limit on the previous conversion cycle; 0 otherwise. This
bit is set (once only) if a THERM mode is engaged as a result of Ext2 temperature
readings exceeding the Ext2 THERM limit. This bit is also set (once only) if THERM
mode is disengaged as a result of Ext2 temperature readings going 5C below Ext2
THERM limit.
2
3.3 V STBY Status = 0
R
1, if 3.3 V STBY value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
3
3.3 V MAIN Status = 0
R
1, if 3.3 V MAIN value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
4
+5.0 V Status = 0
R
1, if +5.0 V value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
5
VCCP Status = 0
R
1, if VCCP value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
6
+12 V Status = 0
R
1, if +12 V value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
7
−12 V Status = 0
R
1, if -12 V value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com