Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
ADM1026
http://onsemi.com
39
Table 21. REGISTER 07H, CONFIGURATION REGISTER 3 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
Enable GPIO16/
THERM = 0
R/W
When this bit is 1, Pin 42 is enabled as a general−purpose I/O pin (GPIO16);
otherwise it is the THERM output.
1
CI Clear = 0
R/W
Writing a 1 to this bit clears the CI latch. This bit is cleared by writing a 0 to it.
2
VREF Select = 0
R/W
When this bit is 0, VREF (Pin 24) outputs 1.82 V, otherwise, it outputs 2.5 V.
5–3
Unused
R
Undefined, reads back 0.
6
GPIO16 Direction
R/W
When this bit is 0, GPIO16 is configured as an input; otherwise, it is an output.
7
GPIO16 Polarity
R/W
When this bit is 0, GPIO16 is active low; otherwise, it is active high.
Table 22. REGISTER 08H, GPIO CONFIGURATION REGISTER 1 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
GPIO0 Direction
R/W
When this bit is 0, GPIO0 is configured as an input; otherwise, it is an output.
1
GPIO0 Polarity
R/W
When this bit is 0, GPIO0 is active low; otherwise it is active high.
2
GPIO1 Direction
R/W
When this bit is 0, GPIO1 is configured as an input; otherwise, it is an output.
3
GPIO1 Polarity
R/W
When this bit is 0, GPIO1 is active low; otherwise it is active high.
4
GPIO2 Direction
R/W
When this bit is 0, GPIO2 is configured as an input; otherwise, it is an output.
5
GPIO2 Polarity
R/W
When this bit is 0, GPIO2 is active low; otherwise, it is active high.
6
GPIO3 Direction
R/W
When this bit is 0, GPIO3 is configured as an input; otherwise, it is an output.
7
GPIO3 Polarity
R/W
When this bit is 0, GPIO3 is active low; otherwise, it is active high.
Table 23. REGISTER 09H, GPIO CONFIGURATION REGISTER 2 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
GPIO4 Direction
R/W
When this bit is 0, GPIO4 is configured as an input; otherwise, it is an output.
1
GPIO4 Polarity
R/W
When this bit is 0, GPIO4 is active low; otherwise, it is active high.
2
GPIO5 Direction
R/W
When this bit is 0, GPIO5 is configured as an input; otherwise, it is an output.
3
GPIO5 Polarity
R/W
When this bit is 0, GPIO5 is active low; otherwise, it is active high.
4
GPIO6 Direction
R/W
When this bit is 0, GPIO6 is configured as an input; otherwise, it is an output.
5
GPIO6 Polarity
R/W
When this bit is 0, GPIO6 is active low; otherwise, it is active high.
6
GPIO7 Direction
R/W
When this bit is 0, GPIO7 is configured as an input; otherwise, it is an output.
7
GPIO7 Polarity
R/W
When this bit is 0, GPIO7 is active low; otherwise, it is active high.
Table 24. REGISTER 0AH, GPIO CONFIGURATION REGISTER 3 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
GPIO8 Direction
R/W
When this bit is 0, GPIO8 is configured as an input; otherwise, it is an output.
1
GPIO8 Polarity
R/W
When this bit is 0, GPIO8 is active low; otherwise, it is active high.
2
GPIO9 Direction
R/W
When this bit is 0, GPIO9 is configured as an input; otherwise, it is an output.
3
GPIO9 Polarity
R/W
When this bit is 0, GPIO9 is active low; otherwise, it is active high.
4
GPIO10 Direction
R/W
When this bit is 0, GPIO10 is configured as an input; otherwise, it is an output.
5
GPIO10 Polarity
R/W
When this bit is 0, GPIO10 is active low; otherwise, it is active high.
6
GPIO11 Direction
R/W
When this bit is 0, GPIO11 is configured as an input; otherwise, it is an output.
7
GPIO11 Polarity
R/W
When this bit is 0, GPIO11 is active low; otherwise, it is active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com