Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
ADM1026
http://onsemi.com
42
Table 39. REGISTER 19H, MASK REGISTER 2 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
AIN0 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN0 voltage channel are masked out.
1
AIN1 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN1 voltage channel are masked out.
2
AIN2 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN2 voltage channel are masked out.
3
AIN3 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN3 voltage channel are masked out.
4
AIN4 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN4 voltage channel are masked out.
5
AIN5 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN5 voltage channel are masked out.
6
AIN6 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN6 voltage channel are masked out.
7
AIN7 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN7 voltage channel are masked out.
Table 40. REGISTER 1AH, MASK REGISTER 3 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
FAN0 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN0 tach channel are masked out.
1
FAN1 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN1 tach channel are masked out.
2
FAN2 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN2 tach channel are masked out.
3
FAN3 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN3 tach channel are masked out.
4
FAN4 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN4 tach channel are masked out.
5
FAN5 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN5 tach channel are masked out.
6
FAN6 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN6 tach channel are masked out.
7
FAN7 Mask = 0
R/W
When this bit is set, interrupts generated on the FAN7 tach channel are masked out.
Table 41. REGISTER 1BH, MASK REGISTER 4 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
Int Temp Mask = 0
R/W
When this bit is set, interrupts generated on the internal temperature channel are
masked out.
1
VBAT Mask = 0
R/W
When this bit is set, interrupts generated on the VBAT voltage channel are masked out.
2
AIN8 Mask = 0
R/W
When this bit is set, interrupts generated on the AIN8 voltage channel are masked out.
3
THERM Mask = 0
R/W
When this bit is set, interrupts generated from THERM events are masked out.
4
AFC Mask = 0
R/W
When this bit is set, interrupts generated from automatic fan control events are
masked out.
5
Unused
R/W
Unused. Reads back 0.
6
CI Mask = 0
R/W
When this bit is set, interrupts generated by the chassis intrusion input are masked out.
7
GPIO16 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO16 channel are masked out.
Table 42. REGISTER 1CH, MASK REGISTER 5 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
GPIO0 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO0 channel are masked out.
1
GPIO1 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO1 channel are masked out.
2
GPIO2 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO2 channel are masked out.
3
GPIO3 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO3 channel are masked out.
4
GPIO4 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO4 channel are masked out.
5
GPIO5 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO5 channel are masked out.
6
GPIO6 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO6 channel are masked out.
7
GPIO7 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO7 channel are masked out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com