Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
ADM1026
http://onsemi.com
37
Detailed Register Descriptions
Table 14. REGISTER 00H, CONFIGURATION REGISTER 1 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
Monitor = 0
R/W
When this bit is set the ADM1026 monitors all voltage, temperature and fan
channels in a round robin manner.
1
Int Enable = 0
R/W
When this bit is set, the INT output pin is enabled.
2
Int Clear = 0
R/W
Setting this bit clears an interrupt from the voltage, temperature or fan speed
channels. Because GPIO interrupts are level triggered, this bit has no effect on
interrupts originating from GPIO channels. This bit is cleared by writing a 0 to it. If
in monitoring mode voltages, temperatures and fan speeds continue to be
monitored after writing to this bit to clear an interrupt, so an interrupt may be set
again on the next monitoring cycle.
3
Enable Voltage/Ext2 = 0
R/W
When this bit is 1, the ADM1026 monitors voltage (AIN8 and AIN9) on Pins 28
and 27, respectively. When this bit is 0, the ADM1026 monitors a second thermal
diode temperature channel, D2, on these pins. If the second thermal diode channel
is not being used, it is recommended that the bit be set to 1.
4
Enable THERM = 0
R/W
When this bit is 1, the THERM pin (Pin 42) is asserted (go low) if any of the
THERM limits are exceeded. If THERM is pulled low as an input, the DAC and
PWM outputs are forced to full scale until THERM is taken high.
5
Enable DAC AFC = 0
R/W
When this bit is 1, the DAC output is enabled for automatic fan speed control
(AFC) based on temperature. When this bit is 0, the DAC Output reflects the value
in Reg 04h, the DAC Control Register.
6
Enable PWM AFC = 0
R/W
When this bit is 1, the PWM output is enabled for automatic fan speed control
(AFC) based on temperature. When this bit is 0, the PWM Output reflects the value
in Reg 05h, the PWM Control Register.
7
Software Reset = 0
R/W
Writing a 1 to this bit restores all registers to the power-on defaults. This bit is
cleared by writing a 0 to it. For more info, see the Software Reset Function section.
Table 15. REGISTER 01H, CONFIGURATION REGISTER 2 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
Enable GPIO0/Fan0 = 0
R/W
When this bit is 1, Pin 3 is enabled as a general−purpose I/O pin (GPIO0),
otherwise it is a fan tach measurement input (Fan 0).
1
Enable GPIO1/Fan1 = 0
R/W
When this bit is 1, Pin 4 is enabled as a general−purpose I/O pin (GPIO1),
otherwise it is a fan tach measurement input (Fan 1).
2
Enable GPIO2/Fan2 = 0
R/W
When this bit is 1, Pin 5 is enabled as a general−purpose I/O pin (GPIO2),
otherwise it is a fan tach measurement input (Fan 2).
3
Enable GPIO3/Fan3 = 0
R/W
When this bit is 1, Pin 6 is enabled as a general−purpose I/O pin (GPIO3),
otherwise it is a fan tach measurement input (Fan 3).
4
Enable GPIO4/Fan4 = 0
R/W
When this bit is 1, Pin 9 is enabled as a general−purpose I/O pin (GPIO4),
otherwise it is a fan tach measurement input (Fan 4).
5
Enable GPIO5/Fan5 = 0
R/W
When this bit is 1, Pin 10 is enabled as a general−purpose I/O pin (GPIO5),
otherwise it is a fan tach measurement input (Fan 5).
6
Enable GPIO6/Fan6 = 0
R/W
When this bit is 1, Pin 11 is enabled as a general−purpose I/O pin (GPIO6),
otherwise it is a fan tach measurement input (Fan 6).
7
Enable GPIO7/Fan7 = 0
R/W
When this bit is 1, Pin 12 is enabled as a general−purpose I/O pin (GPIO7),
otherwise it is a fan tach measurement input (Fan 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com