Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
ADM1026
http://onsemi.com
12
2. Data is sent over the serial bus in sequences of nine
clock pulses, 8 bits of data followed by an
acknowledge bit from the slave device. Data
transitions on the data line must occur during the
low period of the clock signal and remain stable
during the high period, because a low-to-high
transition when the clock is high may be interpreted
as a stop signal.
If the operation is a write operation, the first data
byte after the slave address is a command byte.
This tells the slave device what to expect next. It
may be an instruction telling the slave device to
expect a block write, or it may simply be a register
address that tells the slave where subsequent data is
to be written.
Because data can flow in only one direction as
defined by the R/W bit, it is not possible to send a
command to a slave device during a read operation.
Before doing a read operation, it may first be
necessary to do a write operation to tell the slave
what type of read operation to expect and/or the
address from which data is to be read.
3. When all data bytes have been read or written, stop
conditions are established. In write mode, the master
pulls the data line high during the 10th clock pulse
to assert a stop condition. In read mode, the master
device releases the SDA line during the low period
before the ninth clock pulse, but the slave device
does not pull it low (called No Acknowledge). The
master takes the data line low during the low period
before the 10th clock pulse, then high during the
10th clock pulse to assert a stop condition.
*If it is required to perform several read or write operations in
succession, the master can send a repeat start condition instead
of a stop condition to begin a new operation.
Figure 16. General SMBus Write Timing Diagram
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND CODE
19
1
ACK. BY
SLAVE
9
D7
D 6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
STOP BY
MASTER
FRAME N
DATA BYTE
1
9
9
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
FRAME 3
DATA BYTE
1
Figure 17. General SMBus Read Timing Diagram
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
DATA BYTE
19
1
ACK. BY
SLAVE
9
D7
D 6
D5
D4
D3
D2
D1
D0
NO ACK.
STOP BY
MASTER
FRAME N
DATA BYTE
1
9
9
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
FRAME 3
DATA BYTE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com