Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
ADM1026
http://onsemi.com
18
This is a problem only if the ADC output must be full scale
when the negative voltage is zero.
Symmetrical bipolar input ranges can be accommodated
easily by making VOS equal to the full-scale voltage of the
analog input, and by adding a third resistor to set the positive
full scale.
Figure 29. Scaling and Offsetting AIN0 − AIN9
for Bipolar Inputs
R1
R2
VIN
AIN(0–9)
R3
+VOS
(eq. 5)
R1
R2 +
Vf
s *
VOS
Note that R3 has no effect as the input voltage at the device
pin is zero when VIN = negative full scale.
(eq. 6)
R1
R3 +
Vf
s *
3.0
3.0
for AIN0 through AIN5
R1
R3 +
Vf
s *
2.5
2.5
for AIN6 through AIN9
(eq. 7)
Also, note that R2 has no effect as the input voltage at the
device pin is equal to VOS when VIN = positive full scale.
Battery Measurement Input (VBAT)
The VBAT input allows the condition of a CMOS backup
battery to be monitored. This is typically a lithium coin cell
such as a CR2032. The VBAT input is accurate only for
voltages greater than 1.5 V (see Figure 14). Typically, the
battery in a system is required to keep some device powered
on when the system is in a powered-off state. The VBAT
measurement input is specially designed to minimize battery
drain. To reduce current drain from the battery, the lower
resistor of the VBAT attenuator is not connected, except
whenever a VBAT measurement is being made. The total
current drain on the VBAT pin is 80 nA typical (for a
maximum VBAT voltage = 4.0 V), so a CR2032 CMOS
battery functions in a system in excess of the expected 10
years. Note that when a VBAT measurement is not being
made, the current drain is reduced to 6 nA typical. Under
normal voltage measurement operating conditions, all
measurements are made in a round-robin format, and each
reading is actually the result of 16 digitally averaged
measurements. However, averaging is not carried out on the
VBAT measurement to reduce measurement time and
therefore reduce the current drain from the battery.
The VBAT current drain when a measurement is being
made is calculated by:
(eq. 8)
I +
VBAT
100 kW
TPULSE
TPERIOD
For example, when VBAT = 3.0 V,
(eq. 9)
I +
3.0 V
100 kW
711 ms
273 ms +
78 nA
where TPULSE = VBAT measurement time (711 ms typical),
TPERIOD = time to measure all analog inputs (273 ms
typical), and VBAT input battery protection.
VBAT Input Battery Protection
In addition to minimizing battery current drain, the VBAT
measurement circuitry was specifically designed with
battery protection in mind. Internal circuitry prevents the
battery from being back-biased by the ADM1026 supply or
through any other path under normal operating conditions.
In the unlikely event of a catastrophic ADM1026 failure, the
ADM1026 includes a second level of battery protection
including a series 3 k
W resistor to limit current to the battery,
as recommended by UL. Thus, it is not necessary to add a
series resistor between the battery and the VBAT input; the
battery can be connected directly to the VBAT input to
improve voltage measurement accuracy.
Figure 30. Equivalent VBAT Input Protection Circuit
ADC
VBAT
DIGITAL
CONTROL
49.5k
82.7k
4.5pF
3k
3k
Reference Output (VREF)
The ADM1026 offers an on-chip reference voltage
(Pin 24) that can be used to provide a 1.82 V or 2.5 V
reference voltage output. This output is buffered and
specified to sink or source a load current of 2 mA. The
reference voltage outputs 1.82 V if Bit 2 of Configuration
Register 3 (Address 07h) is 0; it outputs 2.5 V when this bit
is set to 1. This voltage reference output can be used to
provide a stable reference voltage to external circuitry such
as LDOs. The load regulation of the VREF output is typically
0.15% for a sink current of 2 mA and 0.15% for 2 mA source
current. There may be some ripple present on the VREF
output that requires filtering (4m VMAX). Figure 31 shows
the recommended circuitry for the VREF output for loads less
than 2 mA. For loads in excess of 2 mA, external circuitry,
such as that shown in Figure 32, can be used to buffer the
VREF output.
Figure 31. VREF Interface Circuit for VREF Loads < 2 mA
10k
0.1F
VREF
ADM1026
24
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com