Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 38 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
ADM1026
http://onsemi.com
38
Table 16. REGISTER 02H, FANS 0 TO 3 FAN DIVISOR REGISTER (POWER-ON DEFAULT 55H)
Bit
Name
R/W
Description
1–0
Fan 0 Divisor
R/W
Sets the oscillator prescaler division ratio for Fan 0 speed measurement. The
division ratios, oscillator frequencies, and typical fan speeds (based on 2 tach
pulses per revolution) are as follows:
Code
Divide
By:
Oscillator
Frequency (kHz)
Fan Speed (RPM)
00
01
10
11
1
2
4
8
22.5
11.25
5.62
2.81
8800, nominal, for count of 153
4400, nominal, for count of 153
2200, nominal, for count of 153
1100, nominal, for count of 153
3–2
Fan 1 Divisor
R/W
Same as Fan 0
5–4
Fan 2 Divisor
R/W
Same as Fan 0
7–6
Fan 3 Divisor
R/W
Same as Fan 0
Table 17. REGISTER 03H, FANS 4 TO 7 FAN DIVISOR REGISTER (POWER-ON DEFAULT 55H)
Bit
Name
R/W
Description
1–0
Fan 4 Divisor
R/W
Sets the oscillator prescaler division ratio for Fan 4 speed measurement. The
division ratios, oscillator frequencies, and typical fan speeds (based on 2 tach
pulses per revolution) are as follows:
Code
Divide By:
Oscillator
Frequency (kHz)
Fan Speed (RPM)
00
01
10
11
1
2
4
8
22.5
11.25
5.62
2.81
8800, nominal, for count of 153
4400, nominal, for count of 153
2200, nominal, for count of 153
1100, nominal, for count of 153
3–2
Fan 5 Divisor
R/W
Same as Fan 4
5–4
Fan 6 Divisor
R/W
Same as Fan 4
7–6
Fan 7 Divisor
R/W
Same as Fan 4
Table 18. REGISTER 04H, DAC CONFIGURATION REGISTER (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–0
DAC Control
R/W
This register contains the value to which the fan speed DAC is programmed in
normal mode, or the 4 MSBs contain the minimum fan speed in auto fan speed
control mode.
Table 19. REGISTER 05H, PWM CONTROL REGISTER (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–4
PWM Control
R/W
This register contains the value to which the PWM fan speed is programmed in
normal mode, or the 4 MSBs contain the minimum fan speed in auto fan speed
control mode.
0000 = 0% Duty Cycle
0001 = 7% Duty Cycle
0101 = 33% Duty Cycle
0110 = 40% Duty Cycle
0111 = 47% Duty Cycle
1110 = 93% Duty Cycle
1111 = 100% Duty Cycle
3–0
Unused
R
Undefined
Table 20. REGISTER 06H, EEPROM REGISTER 1 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
Factory Use
R/W
For factory use only. Do not write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com