Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 49Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 50Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 51Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
ADM1026
http://onsemi.com
48
Table 54. REGISTER 28H, EXT1 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Ext1 Value
R
This register contains the measured value of the Ext1 Temp channel.
Table 55. REGISTER 29H, EXT2/AIN9 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Ext2 Temp/
AIN9 Low Limit
R
This register contains the measured value of the Ext2 Temp/AIN9 channel depending
on which bit is configured.
Table 56. REGISTER 2AH, 3.3 V STBY MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
3.3 V STBY Value
R
This register contains the measured value of the 3.3 V STBY voltage.
Table 57. REGISTER 2BH, 3.3 V MAIN MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
3.3 V MAIN Value
R
This register contains the measured value of the 3.3 V MAIN voltage.
Table 58. REGISTER 2CH, +5.0 V MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
+5.0 V Value
R
This register contains the measured value of the +5.0 V analog input channel.
Table 59. REGISTER 2DH, VCCP MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
VCCP Value
R
This register contains the measured value of the VCCP analog input channel.
Table 60. REGISTER 2EH, +12 V MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
+12 V Value
R
This register contains the measured value of the +12 V analog input channel.
Table 61. REGISTER 2FH, −12 V MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
–12 V Value
R
This register contains the measured value of the -12 V analog input channel.
Table 62. REGISTER 30H, AIN0 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
AIN0 Value
R
This register contains the measured value of the AIN0 analog input channel.
Table 63. REGISTER 31H, AIN1 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
AIN1 Value
R
This register contains the measured value of the AIN1 analog input channel.
Table 64. REGISTER 32H, AIN2 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
AIN2 Value
R
This register contains the measured value of the AIN2 analog input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com