Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 35 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
ADM1026
http://onsemi.com
35
Table 13. LIST OF REGISTERS
Hex
Address
Description
Power-on
Value
Name
23
Status Register 4
00h
Interrupt status register for local temp, VBAT, AIN8, THERM, AFC, CI, and GPIO16.
24
Status Register 5
00h
Interrupt status register for GPIO0 to GPIO7.
25
Status Register 6
00h
Interrupt status register for GPIO8 to GPIO15.
26
VBAT Value
00h
Measured value of VBAT.
27
AIN8 Value
00h
Measured value of AIN8.
28
TDM1 Value
00h
Measured value of remote temperature channel 1 (D1).
29
TDM2/AIN9 Value
00h
Measured value of remote temperature channel 2 (D2) or AIN9.
2A
3.3 V STBY Value
00h
Measured value of 3.3 V STBY.
2B
3.3 V MAIN Value
00h
Measured value of 3.3 V MAIN.
2C
+5.0 V Value
00h
Measured value of +5.0 V supply.
2D
VCCP Value
00h
Measured value of processor core voltage.
2E
+12 V Value
00h
Measured value of +12 V supply.
2F
−12 V Value
00h
Measured value of -12 V supply.
30
AIN0 Value
00h
Measured value of AIN0.
31
AIN1 Value
00h
Measured value of AIN1
32
AIN2 Value
00h
Measured value of AIN2.
33
AIN3 Value
00h
Measured value of AIN3.
34
AIN4 Value
00h
Measured value of AIN4.
35
AIN5 Value
00h
Measured value of AIN5.
36
AIN6 Value
00h
Measured value of AIN6.
37
AIN7 Value
00h
Measured value of AIN7.
38
FAN0 Value
00h
Measured speed of Fan 0.
39
FAN1 Value
00h
Measured speed of Fan 1.
3A
FAN2 Value
00h
Measured speed of Fan 2.
3B
FAN3 Value
00h
Measured speed of Fan 3.
3C
FAN4 Value
00h
Measured speed of Fan 4.
3D
FAN5 Value
00h
Measured speed of Fan 5.
3E
FAN6 Value
00h
Measured speed of Fan 6.
3F
FAN7 Value
00h
Measured speed of Fan 7.
40
TDM1 High Limit
64h (100C)
High limit for Remote Temperature Channel 1 (D1) measurement.
41
TDM2/AIN9 High Limit
64h (100C)
High limit for Remote Temperature Channel 2 (D2) or AIN9 measurement.
42
3.3 V STBY High Limit
FFh
High limit for 3.3 V STBY measurement.
43
3.3 V MAIN High Limit
FFh
High limit for 3.3 V MAIN measurement.
44
+5.0 V High Limit
FFh
High limit for +5.0 V supply measurement.
45
VCCP High Limit
FFh
High limit for processor core voltage measurement.
46
+12 V High Limit
FFh
High limit for +12 V supply measurement.
47
−12 V High Limit
FFh
High limit for -12 V supply measurement.
48
TDM1 Low Limit
80h
Low limit for Remote Temperature Channel 1 (D1) measurement.
49
TDM2/AIN9 Low Limit
80h
Low limit for Remote Temperature Channel 2 (D2) or AIN9 measurement.
4A
3.3 V STBY Low Limit
00h
Low limit for 3.3 V STBY measurement.
4B
3.3 V MAIN Low Limit
00h
Low limit for 3.3 V MAIN measurement.
4C
+5.0 V Low Limit
00h
Low limit for +5.0 V supply.
4D
VCCP Low Limit
00h
Low limit for processor core voltage measurement.
4E
+12 V Low Limit
00h
Low limit for +12 V supply measurement.
4F
−12 V Low Limit
00h
Low limit for -12 V supply measurement.
50
AIN0 High Limit
FFh
High limit for AIN0 measurement.
51
AIN1 High Limit
FFh
High limit for AIN1 measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com