Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 2 Page - ON Semiconductor

  ADM1026JSTZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
ADM1026
http://onsemi.com
2
PIN ASSIGNMENT
ADM1026
TOP VIEW
PIN 1
FAN0/GPIO0
FAN1/GPIO1
FAN2/GPIO2
FAN3/GPIO3
3.3V MAIN
FAN4/GPIO4
FAN5/GPIO5
FAN6/GPIO6
FAN7/GPIO7
AIN5(0V – 3V)
AIN6(0V – 2.5V)
AIN7(0V – 2.5V)
+VCCP
+12 VIN
–12 VIN
+5 VIN
VBAT
D2+/AIN8(0V – 2.5V)
D2–/AIN9(0V – 2.5V)
D1+
D1-/NTESTIN
GPIO9
GPIO8
DGND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Figure 1. Functional Block Diagram
D2–/AIN9 (0V - +2.5V)
D2+/AIN8 (0V - +2.5V)
AIN7 (0V - +2.5V)
AIN6 (0V - +2.5V)
TO GPIO
REGISTERS
100k
100k
VCC
VCC
VCC
FAN
SPEED
COUNTER
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
GPIO
REGISTERS
SERIAL BUS
INTERFACE
ADDRESS
POINTER
REGISTER
BAND GAP
TEMPERATURE
SENSOR
AUTOMATIC
FAN SPEED
CONTROL
8k BYTES
EEPROM
8−BIT
ADC
BAND GAP
REFERENCE
VBAT
+5 VIN
–12 VIN
+12 VIN
+VCCP
AIN0 (0V - +3V)
AIN1 (0V - +3V)
AIN2 (0V - +3V)
AIN3 (0V - +3V)
AIN4 (0V - +3V)
AIN5 (0V - +3V)
D1+
D1–/NTESTIN
DGND
DAC
AGND
VREF (1.82V OR 2.5V)
SCL
SDA
3.3V MAIN
ADD/ NTESTOUT
FAN 7/GPIO7
FAN 6/GPIO6
FAN 5/GPIO5
FAN 4/GPIO4
FAN 3/GPIO3
FAN 2/GPIO2
FAN 1/GPIO1
FAN 0/GPIO0
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
PWM
3.3V STBY
GPIO16/THERM
CI
ADM1026
INT
RESET IN
VCC
VCC
100k
RESETMAIN
RESETSTBY
PWM REGISTER
AND CONTROLLER
LIMIT
COMPARATORS
INT MASK
REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
VALUE AND
LIMIT
REGISTERS
3.3V MAIN
RESET
GENERATOR
3.3V STBY
RESET
GENERATOR
INTERRUPT
STATUS
REGISTERS
ANALOG
OUTPUT REGISTER
AND 8−BIT DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com