Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
ADM1026
http://onsemi.com
21
Pins 28 and 27 are measured both as analog inputs
AIN8/AIN9 and as remote temperature input D2+/D2−,
irrespective of which configuration is selected for these pins.
If Pins 28 and 27 are configured as AIN8/AIN9, the
measurements for these channels are stored in Registers 27h
and 29h, and the invalid temperature measurement is
discarded. On the other hand, if Pins 28 and 27 are configured
as D2+/D2−, the temperature measurement is stored in
Register 29h, and there is no valid result in Register 27h.
As mentioned previously, the ADC performs a conversion
every 711
ms on the analog and local temperature inputs and
every 2.13 ms on the remote temperature inputs. Each input
is measured 16 times and averaged to reduce noise.
The total monitoring cycle time for voltage and
temperature inputs is therefore nominally:
(eq. 11)
(18
16
0.711) ) (2
16
2.13) + 273 ms
The ADC uses the internal 22.5 kHz clock, which has a
tolerance of 6%, so the worst-case monitoring cycle time
is 290 ms. The fan speed measurement uses a completely
separate monitoring loop, as described later.
Input Safety
Scaling of the analog inputs is performed on-chip, so
external attenuators are typically not required. However,
because the power supply voltages appear directly at the
pins, it is advisable to add small external resistors (that is,
500
W) in series with the supply traces to the chip to prevent
damaging the traces or power supplies should an accidental
short such as a probe connect two power supplies together.
Because the resistors form part of the input attenuators,
they affect the accuracy of the analog measurement if their
value is too high. The worst such accident would be
connecting −12 V to +12 V where there is a total of 24 V
difference. With the series resistors, this would draw a
maximum current of approximately 24 mA.
Analog Output
The ADM1026 has a single analog output from an
unsigned 8-bit DAC that produces 0 V to 2.5 V
(independent of the reference voltage setting). The input
data for this DAC is contained in the DAC control register
(Address 04h). The DAC control register defaults to FFh
during a power-on reset, which produces maximum fan
speed. The analog output may be amplified and buffered
with external circuitry such as an op amp and a transistor to
provide fan speed control. During automatic fan speed
control, described later, the four MSBs of this register set the
minimum fan speed.
Suitable fan drive circuits are shown in Figure 35 through
Figure 39. When using any of these circuits, note the
following:
All of these circuits provide an output range from 0 V
to almost +12 V, apart from Figure 35, which loses the
base-emitter voltage drop of Q1 due to the
emitter-follower configuration.
To amplify the 2.5 V range of the analog output up to
12 V, the gain of these circuits needs to be about 4.8.
Take care when choosing the op amp to ensure that its
input common-mode range and output voltage swing
are suitable.
The op amp may be powered from the +12 V rail alone
or from 12 V. If it is powered from +12 V, the input
common-mode range should include ground to
accommodate the minimum output voltage of the DAC,
and the output voltage should swing below 0.6 V to
ensure that the transistor can be turned fully off.
If the op amp is powered from −12 V, precautions such
as a clamp diode to ground may be needed to prevent
the base-emitter junction of the output transistor being
reverse-biased in the unlikely event that the output of
the op amp should swing negative for any reason.
In all these circuits, the output transistor must have an
ICMAX greater than the maximum fan current, and be
capable of dissipating power due to the voltage dropped
across it when the fan is not operating at full speed.
If the fan motor produces a large back EMF when
switched off, it may be necessary to add clamp diodes
to protect the output transistors in the event that the
output goes from full scale to zero very quickly.
Figure 35. Fan Drive Circuit with Op Amp and
Emitter-follower
Q1
2N2219A
DAC
R1
10k
1/4
LM324
12 V
Figure 36. Fan Drive Circuit with Op Amp and PNP
Transistor
Q1
BD136
2SA968
DAC
R1
10k
1/4
LM324
12 V
R4
1kW
R3
1kW
R2
39kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com