Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1026JSTZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ADM1026
http://onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1, 2, and 3))
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage, 3.3 V STBY
3.0
3.3
5.5
V
Supply Current, ICC
Interface Inactive, ADC Active
−
2.5
4.0
mA
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
−
−
3.0
C
Resolution
−
1.0
−
C
External Diode Sensor Accuracy
0C < TD < 100C
−
−
3.0
C
Resolution
−
1.0
−
C
Remote Sensor Source Current
High Level
Low Level
−
−
90
5.5
−
−
mA
ANALOG-TO-DIGITAL CONVERTER
(Including MUX and ATTENUATORS)
Total Unadjusted Error (TUE) (Note 4)
−
−
2.0
%
Differential Non-linearity (DNL)
−
−
1.0
LSB
Power Supply Sensitivity
−
0.1
%/V
Conversion Time
(Analog Input or Internal Temperature) (Note 5)
−
11.38
12.06
ms
Conversion Time (External Temperature) (Note 5)
−
34.13
36.18
ms
Input Resistance (+5.0 VIN, VCCP, AIN0 − AIN5)
80
100
120
kW
Input Resistance of +12 VIN pin
70
100
115
kW
Input Resistance of −12 VIN pin
8.0
10
12
kW
Input Resistance (AIN6 − AIN9)
5.0
−
−
MW
Input Resistance of VBAT pin (Note 4)
80
100
120
kW
VBAT Current Drain (when measured)
CR2032 Battery Life >10 Years
−
80
100
nA
VBAT Current Drain (when not measured)
−
6.0
−
nA
ANALOG OUTPUT (DAC)
Output Voltage Range
0
–2.5
−
V
Total Unadjusted Error (TUE)
IL = 2 mA
−
−
5.0
%
Zero Error
No Load
−
1.0
−
LSB
Differential Non-linearity (DNL)
Monotonic by Design
−
−
1.0
LSB
Integral Non-linearity
−
0.5
−
LSB
Output Source Current
−
2.0
−
mA
Output Sink Current
−
1.0
−
mA
REFERENCE OUTPUT
Output Voltage
Bit 2 of Register 07h = 0
Bit 2 of Register 07h = 1
1.8
2.47
1.82
2.50
1.84
2.53
V
Load Regulation (ISINK = 2 mA)
−
0.15
−
%
Load Regulation (ISOURCE = 2 mA)
−
0.15
−
%
Short Circuit Current
VCC = 3.3 V
−
25
−
mA
Output Current Source
−
2.0
−
mA
Output Current Sink
−
2.0
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com