Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
ADM1026
http://onsemi.com
14
In the ADM1026, the write byte/word protocol is used for
four purposes. The ADM1026 knows how to respond by the
value of the command byte and EEPROM Register 3.
The first purpose is to write a single byte of data to RAM.
In this case, the command byte is the RAM address from 00h
to 6Fh and the (only) data byte is the actual data. This is
illustrated in Figure 19.
Figure 19. Single Byte Write to RAM
S
SLAVE
ADDRESS
WA
RAM
ADDRESS
(00h TO 6Fh)
12
3
4
5
6
A DATA AP
78
The protocol is also used to set up a 2-byte EEPROM
address for a subsequent read or block read. In this case, the
command byte is the high byte of the EEPROM address
from 80h to 9Fh. The (only) data byte is the low byte of the
EEPROM address. This is illustrated in Figure 20.
Figure 20. Setting an EEPROM Address
S
SLAVE
ADDRESS W
EEPROM
ADDRESS
HIGH BYTE
(80h TO 9Fh)
13
4
5
6
A
A
7
A
2
P
8
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
If it is required to read data from the EEPROM
immediately after setting up the address, the master can
assert a repeat start condition immediately after the final
ACK and carry out a single-byte read or block read operation
without asserting an intermediate stop condition. In this
case, Bit 0 of EEPROM Register 3 should be set.
The third use is to erase a page of EEPROM memory.
EEPROM memory can be written to only if it is previously
erased. Before writing to one or more EEPROM memory
locations that are already programmed, the page or pages
containing those locations must first be erased. EEPROM
memory is erased by writing an EEPROM page address plus
an arbitrary byte of data with Bit 2 of EEPROM Register 3
set to 1.
Because the EEPROM consists of 128 pages of 64 bytes,
the EEPROM page address consists of the EEPROM
address high byte (from 80h to 9Fh) and the two MSBs of the
low byte. The lower six bits of the EEPROM address (low
byte only) specify addresses within a page and are ignored
during an erase operation.
Figure 21. EEPROM Page Erasure
S
SLAVE
ADDRESS WA
EEPROM
ADDRESS
HIGH BYTE
(80h TO 9Fh)
12
3
4
5
6
A
A ARBITRARY
DATA
78
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
9 10
A Y
Page erasure takes approximately 20 ms. If the EEPROM
is accessed before erasure is complete, the ADM1026
responds with No Acknowledge.
Last, this protocol is used to write a single byte of data to
EEPROM. In this case, the command byte is the high byte
of the EEPROM address from 80h to 9Fh. The first data byte
is the low byte of the EEPROM address, and the second data
byte is the actual data. Bit 1 of EEPROM Register 3 must be
set. This is illustrated in Figure 22.
Figure 22. Single-Byte Write to EEPROM
S
SLAVE
ADDRESS
WA
EEPROM
ADDRESS
HIGH BYTE
(80h TO 9Fh)
12
3
4
5
6
A
A DATA
78
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
AY
910
Block Write
In this operation, the master device writes a block of data
to a slave device. The start address for a block write must
have been set previously. In the case of the ADM1026, this
is done by a Send Byte operation to set a RAM address or by
a write byte/word operation to set an EEPROM address.
1. The master device asserts a start condition on the
SDA.
2. The master sends the 7-bit slave address followed
by the write bit (low).
3. The addressed slave device asserts an ACK on the
SDA.
4. The master sends a command code that tells the
slave device to expect a block write. The
ADM1026 command code for a block write is A0h
(10100000).
5. The slave asserts an ACK on the SDA.
6. The master sends a data byte (20h) that tells the
slave device that 32 data bytes are being sent to it.
The master should always send 32 data bytes to
the ADM1026.
7. The slave asserts an ACK on the SDA.
8. The master sends 32 data bytes.
9. The slave asserts an ACK on the SDA after each
data byte.
10. The master sends a packet error checking (PEC)
byte.
11. The ADM1026 checks the PEC byte and issues an
ACK if correct. If incorrect (NACK), the master
resends the data bytes.
12. The master asserts a stop condition on the SDA to
end the transaction.
Figure 23. Block Write to EEPROM or RAM
S SLAVE
ADDRESS WA
COMMAND
A0h BLOCK
WRITE
A
A DATA 1
BYTE
COUNT
A
AA P
DATA 2 A DATA
32
PEC
When performing a block write to EEPROM, Bit 1 of
EEPROM Register 3 must be set. Unlike some EEPROM
devices that limit block writes to within a page boundary,
there is no limitation on the start address when performing
a block write to EEPROM, except:
There must be at least 32 locations from the start
address to the highest EEPROM address (9FF) to avoid
writing to invalid addresses.
If the addresses cross a page boundary, both pages must
be erased before programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com