Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
ADM1026
http://onsemi.com
22
Figure 37. Fan Drive Circuit with Op Amp and
P-channel MOSFET
Q1
IRF9620
DAC
12 V
R1
10k
1/4
LM324
R3
100kW
R2
39kW
Figure 38. Discrete Fan Drive Circuit with P-channel
MOSFET, Single Supply
Q1/Q2
MBT3904
DUAL
12 V
DAC
R3
39k
R4
10k
Q3
IRF9620
R2
100kW
R2
100kW
Figure 39. Discrete Fan Drive Circuit with P-channel
MOSFET, Dual Supply
Q1/Q2
MBT3904
DUAL
+12 V
DAC
R3
39k
R4
10k
R1
4.7k
–12 V
Q3
IRF9620
R2
100kW
PWM Output
Fan speed may also be controlled using pulse width
modulation (PWM). The PWM output (Pin 18) produces a
pulsed output with a frequency of approximately 75 Hz and
a duty cycle defined by the contents of the PWM control
register (Address 05h). During automatic fan speed control,
described below, the four MSBs of this register set the
minimum fan speed.
The open drain PWM output must be amplified and
buffered to drive the fans. The PWM output is intended to
be used with an NMOS driver, but may be inverted by setting
Bit 1 of Test Register 1 (Address 14h) if using PMOS
drivers. Figure 40 shows how a fan may be driven under
PWM control using an N-channel MOSFET.
Figure 40. PWM Fan Drive Circuit Using an
N-channel MOSFET
+V
Q1
NDT3055L
PWM
3.3 V
10k TYP
5.0 V OR 12 V
FAN
Automatic Fan Speed Control
The ADM1026 offers a simple method of controlling fan
speed according to temperature without intervention from
the host processor. Monitoring must be enabled by setting
Bit 0 of Configuration Register 1 (Address 00h), to enable
automatic fan speed control. Automatic fan speed control
can be applied to the DAC output, the PWM output, or both,
by setting Bit 5 and/or Bit 6 of Configuration Register 1.
The TMIN registers (Addresses 10h to 12h) contain
minimum temperature values for the three temperature
channels (on-chip sensor and two remote diodes). This is the
temperature at which a fan starts to operate when the
temperature sensed by the controlling sensor exceeds TMIN.
TMIN can be the same or different for all three channels.
TMIN is set by writing a twos complement temperature value
to the TMIN registers. If any sensor channel is not required
for automatic fan speed control, TMIN for that channel
should be set to 127C (01111111).
In automatic fan speed control mode, (as shown Figure 41
and Figure 42) the four MSBs of the DAC control register
(Address 04h) and PWM control register (Address 05h) set
the minimum values for the DAC and PWM outputs. Note
that, if both DAC control and PWM control are enabled
(Bits 5 and 6 of Configuration Register 1 = 1), the four MSBs
of the DAC control register (Address 04h) define the
minimum fan speed values for both the DAC and PWM
outputs. The value in the PWM control register (Address 05h)
has no effect.
Minimum DAC Code DACMIN = 16  D
(eq. 12)
DAC Output Voltage + 2.5
Code
256
Minimum PWM Duty Cycle PWMMIN = 6.67  D
where D is the decimal equivalent of Bits 7 to 4 of the
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com