Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
ADM1026
http://onsemi.com
27
Figure 50. Other Interrupt Sources Can Reassert INT Immediately
START OF ANALOG
MONITORING CYCLE
OUT-OF-LIMIT
MEASUREMENT
LOCAL TEMPEREATURE
MEASUREMENT
START OF ANALOG
MONITORING CYCLE
LOCAL TEMPERATURE
MEASUREMENT
START OF ANALOG
MONITORING CYCLE
INT
CLEARED
INT RE−ASSERTED
NEW INT
FROM FAN
NEW INT
FROM GPIO
GPIO DE−ASSERTED
INT
INT
CLEARED
Status Register 4 also stores inputs from two other
interrupt sources that operate in a different way from the
other status bits. If automatic fan speed control (AFC) is
enabled, Bit 4 of Status Register 4 is set whenever a fan starts
or stops. This bit causes a one-off INT output as shown in
Figure 51. It is cleared during the next monitoring cycle and
if INT has been cleared, it does not cause INT to be
reasserted.
Figure 51. Assertion of INT Due to AFC Event
INT
INT CLEARED BY STATUS REGULAR 1 READ, BIT 2
OF CONFIGURATION REGULAR 1 SET, OR ARA
FAN ON
FAN OFF
In a similar way, a change of state at the THERM output
(described in more detail later), sets Bit 3 of Status
Register 4 and causes a one-off INT output. A change of
state at the THERM output also causes Bit 0 of Status
Register 1, Bit 1 of Status Register 1, or Bit 0 of Status
Register 4 to be set, depending on which temperature
channel caused the THERM event. This bit is reset during
the next monitoring cycle, provided the temperature channel
is within the normal high and low limits.
Fan Inputs
Fan inputs generate interrupts in a similar way to
analog/temperature inputs, but as the analog/temperature
inputs and fan inputs have different monitoring cycles, they
have separate interrupt circuits. As the speed of each fan is
measured, the output of the fan speed counter is stored in a
value register. The result is compared to the fan speed limit
and is used to set or clear a bit in Status Register 3. In this
case, the fan is monitored only for underspeed (fan counter
> fan speed limit). Mask Register 3 is used to mask fan
interrupts. After mask gating, the fan status bits are OR’ed
together and used to set a latch, whose output is OR’ed with
other interrupt sources to produce the INT output.
Like the analog/temp interrupt, an INT output caused by an
out−of−limit fan speed measurement, once cleared, is not
reasserted until the end of the next monitoring cycle, although
other interrupt sources may cause INT to be asserted.
GPIO and CI Pins. When GPIO pins are configured as
inputs, asserting a GPIO input (high or low, depending on
polarity) sets the corresponding GPIO status bit in Status
Registers 5 and 6, or Bit 7 of Status Register 4 (GPIO16). A
chassis intrusion event sets Bit 6 of Status Register 4.
The GPIO and CI status bits, after mask gating, are OR’ed
together and OR’ed with other interrupt sources to produce
the INT output. GPIO and CI interrupts are not latched and
cannot be cleared by normal interrupt clearing. They can
only be cleared by masking the status bits or by removing the
source of the interrupt.
Enabling and Clearing Interrupts
The INT output is enabled when Bit 1 of Configuration
Register 1 (INT_Enable) is high, and Bit 2 (INT_Clear) is
low. INT may be cleared if:
Status Register 1 is read. Ideally, if polling the status
registers trying to identify interrupt sources, Status
Register 1 should be polled last, because a read of Status
Register 1 clears all the other interrupt status registers.
The ADM1026 receives the alert response address
(ARA) (0001 100) over the SMBus.
Bit 2 of Configuration Register 1 is set.
Bidirectional THERM Pin
The ADM1026 has a second interrupt pin (GPIO16/
THERM Pin 42) that responds only to critical thermal
events. The THERM pin goes low whenever a THERM limit
is exceeded. This function is useful for CPU throttling or
system shutdown. In addition, whenever THERM is
activated, the PWM and DAC outputs go full scale to
provide fail-safe system cooling. This output is enabled by
setting Bit 4 of Configuration Register 1 (Register 00h).
Whenever a THERM limit is exceeded, Bit 3 of Status
Register 4 (Reg 23h) is set, even if the THERM function is
disabled (Bit 4 of Configuration Register 1 = 0). In this case,
the THERM status bit is set, but the PWM and DAC outputs
are not forced to full scale.
Three thermal limit registers are provided for the three
temperature sensors at Addresses 0Dh to 0Fh. These registers
are dedicated to the THERM function and none of the other
limit registers have any effect on the THERM output.
If any of the temperature measurements exceed the
corresponding limit, THERM is asserted (low) and the DAC
and PWM outputs go to maximum to drive any cooling fans
to full speed.
To avoid cooling fans cycling on and off continually when
the temperature is close to the limit, a fixed hysteresis of 5C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com