Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 49Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 50Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 51Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 52Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 53Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 54Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 55Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
ADM1026
http://onsemi.com
51
Table 87. REGISTER 49H, EXT/AIN9 LOW LIMIT (POWER-ON DEFAULT 80H)
Bit
Name
R/W
Description
7–0
Ext2 Temp /AIN9 Low
Limit
R/W
This register contains the low limit of the Ext2 Temp/AIN9 channel depending on
which bit is configured.
Table 88. REGISTER 4AH, 3.3 V STBY LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
3.3 V STBY Low Limit
R/W
This register contains the low limit of the 3.3 V STBY analog input channel.
Table 89. REGISTER 4BH, 3.3 V MAIN LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
3.3 V MAIN Low Limit
R/W
This register contains the low limit of the 3.3 V MAIN analog input channel.
Table 90. REGISTER 4CH, +5.0 V LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
+5.0 V Low Limit
R/W
This register contains the low limit of the +5.0 V analog input channel.
Table 91. REGISTER 4DH, VCCP LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
VCCP Low Limit
R/W
This register contains the low limit of the VCCP analog input channel.
Table 92. REGISTER 4EH, +12 V LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
+12 V Low Limit
R/W
This register contains the low limit of the +12 V analog input channel.
Table 93. REGISTER 4FH, −12 V LOW LIMIT (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
−12 V Low Limit
R/W
This register contains the low limit of the -12 V analog input channel.
Table 94. REGISTER 50H, AIN0 HIGH LIMIT (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–0
AIN0 High Limit
R/W
This register contains the high limit of the AIN0 analog input channel.
Table 95. REGISTER 51H, AIN1 HIGH LIMIT (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–0
AIN1 High Limit
R/W
This register contains the high limit of the AIN1 analog input channel.
Table 96. REGISTER 52H, AIN2 HIGH LIMIT (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–0
AIN2 High Limit
R/W
This register contains the high limit of the AIN2 analog input channel.
Table 97. REGISTER 53H, AIN3 HIGH LIMIT (POWER-ON DEFAULT FFH)
Bit
Name
R/W
Description
7–0
AIN3 High Limit
R/W
This register contains the high limit of the AIN3 analog input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com