Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 41 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
ADM1026
http://onsemi.com
41
Table 33. REGISTER 13H, EEPROM REGISTER 3 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
Read
R/W
Setting this bit puts the EEPROM into read mode.
1
Write
R/W
Setting this bit puts the EEPROM in write (program) mode.
2
Erase
R/W
Setting this bit puts the EEPROM into erase mode.
3
Write Protect
R/W
Once
Setting this bit protects the EEPROM against accidental writing or erasure. This bit
can write once and only be cleared by a power−on reset.
4
Test Mode Bit 0
R/W
Test mode bits. For factory use only
5
Test Mode Bit 1
R/W
Test mode bits. For factory use only.
6
Test Mode Bit 2
R/W
Test mode bits. For factory use only
7
Clock Extend
R/W
Setting this bit enables SMBus clock extension. The ADM1026 can pull SCL low to
extend the clock pulse if it cannot accept any more data. It is recommended to set
this bit to 1 to extend the clock pulse during repeated EEPROM write or block write
operations.
Table 34. REGISTER 14H, MANUFACTURER’S TEST REGISTER 1 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Manufacturer’s Test 1
R/W
This register is used by the manufacturer for test purposes. It should not be read
from or written to in normal operation.
Table 35. REGISTER 15H, MANUFACTURER’S TEST REGISTER 2 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
Manufacturer’s Test 2
R/W
This register is used by the manufacturer for test purposes. It should not be read
from or written to in normal operation.
Table 36. REGISTER 16H, MANUFACTURER’S ID (POWER-ON DEFAULT, 041H)
Bit
Name
R/W
Description
7–0
Manufacturer ID Code
R/W
This register contains the manufacturer’s ID code.
Table 37. REGISTER 17H, REVISION REGISTER (POWER-ON DEFAULT, 4XH)
Bit
Name
R/W
Description
3–0
Minor Revision Code
R
This nibble contains the manufacturer’s code for minor revisions to the device.
Rev 1 = 0h, Rev 2 = 1h, and so on.
7–4
Major Revision Code
R
This nibble denotes the generation of the device. For the ADM1026, this nibble
reads 4h.
Table 38. REGISTER 18H, MASK REGISTER 1 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
Ext1 Temp Mask = 0
R/W
When this bit is set, interrupts generated on the Ext1 temperature channel are
masked out.
1
Ext2 Temp
R/W
When this bit is set, interrupts generated on the Ext2/AIN9 channel are masked out.
2
3.3 V STBY Mask = 0
R/W
When this bit is set, interrupts generated on the 3.3 V STBY voltage channel are
masked out.
3
3.3 V MAIN Mask = 0
R/W
When this bit is set, interrupts generated on the 3.3 V MAIN voltage channel are
masked out.
4
+5.0 V Mask = 0
R/W
When this bit is set, interrupts generated on the +5.0 V voltage channel are masked
out.
5
VCCP Mask = 0
R/W
When this bit is set, interrupts generated on the VCCP voltage channel are masked out.
6
+12 V Mask = 0
R/W
When this bit is set, interrupts generated on the +12 V voltage channel are masked out.
7
−12 V Mask = 0
R/W
When this bit is set, interrupts generated on the −12 V voltage channel are masked out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com