Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
ADM1026
http://onsemi.com
17
Voltage Measurement Inputs
The internal structure for all the analog inputs is shown in
Figure 26. Each input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first-order
low-pass filter that gives each voltage measurement input
immunity to high frequency noise. The −12 V input also has
a resistor connected to the on-chip reference to offset the
negative voltage range so that it is always positive and can
be handled by the ADC. This allows most popular power
supply voltages to be monitored directly by the ADM1026
without requiring any additional resistor scaling.
Figure 26. Voltage Measurement Inputs
109.4k
18.5pF
21.9k
+VCCP
9.3pF
VREF
17.5k
114.3k
–12V
49.5k
82.7k
4.5pF
VBAT
* SEE TEXT
AIN0 – AIN5
(0V – 3V)
109.4k
4.6pF
21.9k
AIN6 – AIN9
(0V – 2.5V)
4.6pF
52.5k
50k
4.6pF
83.5k
+5V
21k
9.3pF
113.5k
+12V
MUX
Setting Other Input Ranges
AIN0 to AIN9 can easily be scaled to voltages other than
2.5 V or 3.0 V. If the input voltage range is zero to some
positive voltage, all that is required is an input attenuator, as
shown in Figure 27.
Figure 27. Scaling AIN0 − AIN9
R1
R2
VIN
AIN(0–9)
However, when scaling AIN0 to AIN5, it should be noted
that these inputs already have an on-chip attenuator, because
their primary function is to monitor SCSI termination
voltages. This attenuator loads any external attenuator. The
input resistance of the on-chip attenuator can be between
100 k
W and 200 kW. For this tolerance not to affect the
accuracy, the output resistance of the external attenuator
should be very much lower than this, that is, 1 k
W in order
to add not more than 1% to the total unadjusted error (TUE).
Alternatively, the input can be buffered using an op amp.
(eq. 2)
R1
R2 +
Vf
s *
3.0
3.0
for AIN0 through AIN5
(eq. 3)
R1
R2 +
Vf
s *
2.5
2.5
for AIN6 through AIN9
Negative and bipolar input ranges can be accommodated
by using a positive reference voltage to offset the input
voltage range so that it is always positive. To monitor a
negative input voltage, an attenuator can be used as shown
in Figure 28.
Figure 28. Scaling and Offsetting AIN0 − AIN9
for Negative Inputs
R1
R2
VIN
AIN(0–9)
This offsets the negative voltage so that the ADC always
sees a positive voltage. R1 and R2 are chosen so that the
ADC input voltage is zero when the negative input voltage
is at its maximum (most negative) value, that is:
(eq. 4)
R1
R2 +
Vf
s *
VOS
This is a simple and low cost solution, but note the
following:
Because the input signal is offset but not inverted, the
input range is transposed. An increase in the magnitude
of the negative voltage (going more negative) causes the
input voltage to fall and give a lower output code from
the ADC. Conversely, a decrease in the magnitude of the
negative voltage causes the ADC code to increase. The
maximum negative voltage corresponds to zero output
from the ADC. This means that the upper and lower
limits are transposed.
For the ADC output to be full scale when the negative
voltage is zero, VOS must be greater than the full−scale
voltage of the ADC, because VOS is attenuated by R1 and
R2. If VOS is equal to or less than the full−scale voltage
of the ADC, the input range is bipolar but not necessarily
symmetrical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com