Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 28 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
ADM1026
http://onsemi.com
28
is provided. THERM is only deasserted when the measured
temperature of all three sensors is 5C below the limit.
Whenever the THERM output changes, INT is asserted,
as shown in Figure 53. However, this is edge-triggered, so
if INT is subsequently cleared by one of the methods
previously described, it is not reasserted, even if THERM
remains asserted. THERM causes INT to be reasserted only
when it changes state.
Figure 52. Interrupt Structure
1 = OUT
OF LIMIT
INT ENABLE
INT CLEAR
INT
INT TEMP
VBAT
AIN8
THERM
AFC
RESERVED
CI
GPIO16
EXT1 TEMP
EXT 2 TEMP
3.3V STBY
3.3V MAIN
+5V
VCCP
+12V
–12V
FAN0
FAN1
FAN2
FAN3
FAN4
FAN5
FAN6
FAN7
FROM FAN SPEED
VALUE AND
LIMIT REGISTERS
1 = OUT
OF LIMIT
VALUE
HIGH LIMIT
GPIO0 TO GPIO7
GPIO8 TO GPIO15
MASKING DATA
FROM SMBus
MASKING DATA
FROM SMBus
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
HIGH LIMIT
LOW LIMIT
VALUE
FROM ANALOG/TEMP
VALUE AND LIMIT
REGISTERS
MASK GATING
STATUS
BIT
MASK
BIT
MASK DATA FROM
AS STATUS BITS)
LATCH
RESET
IN OUT
CI
GPIO16
MASK GATING
STATUS
BIT
MASK
BIT
MASK GATING
STATUS
BIT
MASK
BIT
MASK GATING
STATUS
BIT
MASK
BIT
MASK GATING
STATUS
BIT
MASK
BIT
MASK GATING
STATUS
BIT
MASK
BIT
1
0
1
2
3
4
5
6
7
MASK
REGISTER
2
0
1
2
3
4
5
6
7
MASK
REGISTER
4
0
1
2
3
4
5
6
7
MASK
REGISTER
3
0
1
2
3
4
5
6
7
MASK DATA FROM
SMBus (SAME BIT
NAMES AND ORDER
AS STATUS BITS)
MASK DATA FROM
SMBus (SAME BIT
NAMES AND ORDER
AS STATUS BITS)
MASK DATA FROM
SMBus (SAME BIT
NAMES AND ORDER
AS STATUS BITS)
LATCH
RESET
IN OUT
MASK REGISTER 5
MASK REGISTER 6
STATUS REGISTER 6
STATUS REGISTER 5
MASK
REGISTER
SMBus (SAME BIT
NAMES AND ORDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com