Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
ADM1026
http://onsemi.com
16
output of 3/4 full scale (decimal 192) for the nominal input
voltage, and so has adequate headroom to cope with over
voltages. Table 7 shows the input ranges of the analog inputs
and output codes of the ADC.
When the ADC is running, it samples and converts an
analog or local temperature input every 711
ms (typical value).
Each input is measured 16 times and the measurements are
averaged to reduce noise, so the total conversion time for each
input is 11.38 ms.
Measurements on the remote temperature (D1 and D2)
inputs take 2.13 ms. These are also measured 16 times and
are averaged, so the total conversion time for a remote
temperature input is 34.13 ms.
Table 7. A-TO-D OUTPUT CODES VS. VIN
Input Voltage
A-to-D Output
+12 VIN
–12 VIN
+5.0 VIN
3.3 V MAIN
VBAT
VCCP
AIN (0–5)
AIN (6–9)
Decimal
Binary
< 0.0625
< −15.928
< 0.026
< 0.0172
NA
< 0.012
< 0.012
< 0.010
0
00000000
0.062−0.125
−15.928−15.855
0.026−0.052
0.017−0.034
NA
0.012−0.023
0.012−0.023
0.010−0.019
1
00000001
0.125−0.187
−15.855−15.783
0.052−0.078
0.034−0.052
NA
0.023−0.035
0.023−0.035
0.019−0.029
2
00000010
0.188−0.250
−15.783−15.711
0.078−0.104
0.052−0.069
NA
0.035−0.047
0.035−0.047
0.029−0.039
3
00000011
0.250−0.313
−15.711−15.639
0.104−0.130
0.069−0.086
NA
0.047−0.058
0.047−0.058
0.039−0.049
4
00000100
0.313−0.375
−15.639−15.566
0.130−0.156
0.086−0.103
NA
0.058−0.070
0.058−0.070
0.049−0.058
5
00000101
0.375−0.438
−15.566−15.494
0.156−0.182
0.103−0.120
NA
0.070−0.082
0.070−0.082
0.058−0.068
6
00000110
0.438−0.500
−15.494−15.422
0.182−0.208
0.120−0.138
NA
0.082−0.094
0.082−0.094
0.068−0.078
7
00000111
0.500−0.563
−15.422−15.349
0.208−0.234
0.138−0.155
NA
0.094−0.105
0.094−0.105
0.078−0.087
8
00001000
−
−
−
4.000−4.063
−11.375−11.303
1.667−1.693
1.110−1.127
NA
0.750−0.780
0.750−0.780
0.625−0.635
64
(1⁄4 scale)
01000000
−
−
−
8.000−8.063
−6.750−6.678
3.333−3.359
2.000−2.016
2.000−2.016
1.500−1.512
1.500−1.512
1.250−1.260
128
(1⁄2 scale)
10000000
−
−
−
12.000−12.063
−2.125−2.053
5−5.026
3.330−3.347
3.000−3.016
2.250−2.262
2.250−2.262
1.875−1.885
192
(3⁄4 scale)
11000000
−
−
−
15.313−15.375
1.705−1.777
6.38−6.406
4.249−4.267
3.828−3.844
2.871−2.883
2.871−2.883
2.392−2.402
245
11110101
15.375−15.437
1.777−1.850
6.406−6.432
4.267−4.284
3.844−3.860
2.883−2.895
2.883−2.895
2.402−2.412
246
11110110
15.437−15.500
1.850−1.922
6.432−6.458
4.284−4.301
3.860−3.875
2.895−2.906
2.895−2.906
2.412−2.422
247
11110111
15.500−15.563
1.922−1.994
6.458−6.484
4.301−4.319
3.875−3.890
2.906−2.918
2.906−2.918
2.422−2.431
248
11111000
15.562−15.625
1.994−2.066
6.484−6.51
4.319−4.336
3.890−3.906
2.918−2.930
2.918−2.930
2.431−2.441
249
11111001
15.625−15.688
2.066−2.139
6.51−6.536
4.336−4.353
3.906−3.921
2.930−2.941
2.930−2.941
2.441−2.451
250
11111010
15.688−15.750
2.139−2.211
6.536−6.563
4.353−4.371
3.921−3.937
2.941−2.953
2.941−2.953
2.451−2.460
251
11111011
15.750−15.812
2.211−2.283
6.563−6.589
4.371−4.388
3.937−3.953
2.953−2.965
2.953−2.965
2.460−2.470
252
11111100
15.812−15.875
2.283−2.355
6.589−6.615
4.388−4.405
3.953−3.969
2.965−2.977
2.965−2.977
2.470−2.480
253
11111101
15.875−15.938
2.355−2.428
6.615−6.641
4.405−4.423
3.969−3.984
2.977−2.988
2.977−2.988
2.480−2.490
254
11111110
>15.938
>2.428
>6.634
>4.423
>3.984
>2.988
>2.988
>2.490
255
11111111
1. * VBAT is not accurate for voltages under 1.5 V (see Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com