Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 15 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
ADM1026
http://onsemi.com
15
ADM1026 Read Operations
The ADM1026 uses the SMBus read protocols described
here.
Receive Byte
In this operation, the master device receives a single byte
from a slave device as follows:
1. The master device asserts a start condition on the
SDA.
2. The master sends the 7-bit slave address followed
by the read bit (high).
3. The addressed slave device asserts an ACK on the
SDA.
4. The master receives a data byte.
5. The master asserts a NO ACK on the SDA.
6. The master asserts a stop condition on the SDA to
end the transaction.
In the ADM1026, the receive byte protocol is used to read
a single byte of data from a RAM or EEPROM location
whose address has previously been set by a send byte or
write byte/word operation. Figure 24 shows this. When
reading from EEPROM, Bit 0 of EEPROM Register 3 must
be set.
Figure 24. Single-Byte Read from EEPROM or RAM
S
SLAVE
ADDRESS
RA DATA A P
12
3
4
5 6
Block Read
In this operation, the master device reads a block of data
from a slave device. The start address for a block read must
have been set previously. In the case of the ADM1026 this
is done by a send byte operation to set a RAM address, or by
a write byte/word operation to set an EEPROM address. The
block read operation consists of a send byte operation that
sends a block read command to the slave, immediately
followed by a repeated start and a read operation that reads
out multiple data bytes as follows:
1. The master device asserts a start condition on the
SDA.
2. The master sends the 7-bit slave address followed
by the write bit (low).
3. The addressed slave device asserts an ACK on the
SDA.
4. The master sends a command code that tells the
slave device to expect a block read. The
ADM1026 command code for a block read is A 1h
(10100001).
5. The slave asserts an ACK on the SDA.
6. The master asserts a repeat start condition on the
SDA.
7. The master sends the 7-bit slave address followed
by the read bit (high).
8. The slave asserts an ACK on the SDA.
9. The ADM1026 sends a byte count data byte that
tells the master how many data bytes to expect. The
ADM1026 always returns 32 data bytes (20h), the
maximum allowed by the SMBus 1.1 specification.
10. The master asserts an ACK on the SDA.
11. The master receives 32 data bytes.
12. The master asserts an ACK on the SDA after each
data byte.
13. The ADM1026 issues a PEC byte to the master.
The master should check the PEC byte and issue
another block read if the PEC byte is incorrect.
14. A NACK is generated after the PEC byte to signal
the end of the read.
15. The master asserts a stop condition on the SDA to
end the transaction.
Figure 25. Block Read from EEPROM or RAM
S
SLAVE
ADDRESS
WA
COMMAND
A1h BLOCK
READ
A
SR
A
P
DATA
32
PEC A
A BYTE
COUNT A DATA 1 A
SLAVE
ADDRESS
When block reading from EEPROM, Bit 0 of EEPROM
Register 3 must be set.
Note that although the ADM1026 supports Packet Error
Checking (PEC), its use is optional. The PEC byte is
calculated using CRC-8. The Frame Check Sequence (FCS)
conforms to CRC-8 by the polynomial:
(eq. 1)
C(x) + x8 ) x2 ) x ) 1
Consult the SMBus 1.1 Specification for more information.
Measurement Inputs
The ADM1026 has 17 external analog measurement pins
that can be configured to perform various functions. It also
measures two supply voltages, 3.3 V MAIN and 3.3 V
STBY, and the internal chip temperature.
Pins 25 and 26 are dedicated to remote temperature
measurement, while Pins 27 and 28 can be configured as
analog inputs with a range of 0 V to 2.5 V, or as inputs for
a second remote temperature sensor.
Pins 29 to 33 are dedicated to measuring VBAT, +5.0 V,
−12 V, +12 V supplies, and the processor core voltage VCCP.
The remaining analog inputs, Pins 34 to 41, are
general-purpose analog inputs with a range of 0 V to 2.5 V
(Pins 34 and 35) or 0 V to 3.0 V (Pins 36 to 41).
A-to-D Converter (ADC)
These inputs are multiplexed into the on-chip, successive
approximation, analog-to-digital converter. The ADC has a
resolution of 8 bits. The basic input range is 0 V to 2.5 V,
which is the input range of AIN6 to AIN9, but five of the
inputs have built-in attenuators to allow measurement of
VBAT, +5.0 V, -12 V, +12 V, and the processor core voltage
VCCP, without any external components. To allow the
tolerance of these supply voltages, the ADC produces an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com