Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
ADM1026
http://onsemi.com
25
Table 9 shows the relationship between fan speed and time
per revolution at 60%, 70%, and 100% of nominal RPM for
fan speeds of 1100, 2200, 4400, and 8800 RPM, and the
divisor that would be used for each of these fans, based on
two tach pulses per revolution.
Limit Values
Fans generally do not over-speed if run from the correct
voltage, so the failure condition of interest is under speed
due to electrical or mechanical failure. For this reason, only
low speed limits are programmed into the limit registers for
the fans. It should be noted that because fan period rather
than speed is being measured, a fan failure interrupt occurs
when the measurement exceeds the limit value.
Fan Monitoring Cycle Time
The fan speeds are measured in sequence from 0 to 7. The
monitoring cycle time depends on the fan speed, the number
of tach output pulses per revolution, and the number of fans
being monitored.
If a fan is stopped or running so slowly that the fan speed
counter reaches 255 before the second tach pulse after
initialization or before the fourth tach pulse during
measurement, the measurement is terminated. This also
occurs if an input is configured as GPIO instead of fan. Any
channels connected in this manner time out after 255 clock
pulses.
The worst-case measurement time for a fan−configured
channel occurs when the counter reaches 254 from start to
the second tach pulse and reaches 255 after the second tach
pulse. Taking into account the tolerance of the oscillator
frequency, the worst-case measurement time is:
(eq. 17)
509
D
0.05 ms
where:
509 is the total number of clock pulses.
D is the divisor: 1, 2, 4, or 8.
0.05 ms is the worst-case oscillator period in ms.
The worst-case fan monitoring cycle time is the sum of the
worst-case measurement time for each fan.
Although the fan monitoring cycle and the analog input
monitoring cycle are started together, they are not
synchronized in any other way.
Table 9. FAN SPEEDS AND DIVISORS
Time Per
Divisor RPM
Nominal Rev
RPM (ms)
70% RPM
Rev 70% (ms)
60% RPM
Rev 60% (ms)
 1
8800
6.82
6160
9.74
5280
11.36
 2
4400
13.64
3080
19.48
2640
22.73
 4
2200
27.27
1540
38.96
1320
45.45
 8
1100
54.54
770
77.92
660
90.9
Chassis Intrusion Input
The chassis intrusion input is an active high input intended
for detection and signaling of unauthorized tampering with
the system. When this input goes high, the event is latched
in Bit 6 of Status Register 4, and an interrupt is generated.
The bit remains set until cleared by writing a 1 to CI clear,
Bit 1 of Configuration Register 3 (05h), as long as battery
voltage is connected to the VBAT input. The CI clear bit itself
is cleared by writing a 0 to it.
The CI input detects chassis intrusion events even when
the ADM1026 is powered off (provided battery voltage is
applied to VBAT) but does not immediately generate an
interrupt. Once a chassis intrusion event is detected and
latched, an interrupt is generated when the system is
powered on.
The actual detection of chassis intrusion is performed by
an external circuit that detects, for example, when the cover
has been removed. A wide variety of techniques may be used
for the detection, for example:
A Microswitch that Opens or Closes when the Cover is
Removed
A Reed Switch Operated by Magnet Fixed to the Cover
A Hall-effect Switch Operated by Magnet Fixed to the
Cover
A Phototransistor that Detects Light when the Cover is
Removed
The chassis intrusion input can also be used for other types
of alarm input. Figure 48 shows a temperature alarm circuit
using an AD22105 temperature switch sensor. This
produces a low-going output when the preset temperature is
exceeded, so the output is inverted by Q1 to make it
compatible with the CI input. Q1 can be almost any
small-signal NPN transistor, or a TTL or CMOS inverter
gate may be used if one is available.
Figure 48. Using the CI Input with a Temperature Sensor
VCC
RSET
AD22105
TEMPERATURE
SENSOR
6
CI
R1
10k
Q1
7
3
2
1
18
General-Purpose I/O Pins (Open Drain)
The ADM1026 has eight pins that are dedicated to
general-purpose logic input/output (Pins 1, 2, and 43 to 48),
eight pins that can be configured as general-purpose logic
pins or fan speed inputs (Pins 3 to 6, and 9 to 12), and one
pin that can be configured as GPIO16 or the bidirectional
THERM pin (Pin 42). The GPIO/FAN pins are configured
as general-purpose logic pins by setting Bits 0 to 7 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com